Electronic Components Datasheet Search
  English  ▼

X  

LT1358 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1358
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1358 Datasheet HTML 13Page - Linear Technology LT1358 Datasheet HTML 14Page - Linear Technology LT1358 Datasheet HTML 15Page - Linear Technology LT1358 Datasheet HTML 16Page - Linear Technology LT1358 Datasheet HTML 17Page - Linear Technology LT1358 Datasheet HTML 18Page - Linear Technology LT1358 Datasheet HTML 19Page - Linear Technology LT1358 Datasheet HTML 20Page - Linear Technology LT1358 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LTC2335-18
17
233518f
For more information www.linear.com/LTC2335-18
FuncTional block DiagraM
LVDS I/O Mode
CMOS I/O Mode
IN0+
IN0–
BUSY
18-BIT
SAMPLING
ADC
CMOS
SERIAL
I/O
INTERFACE
233518 BD01
18 BITS
REFERENCE
BUFFER
REFBUF
REFIN
GND
VCC
VEE
VDDLBYP
VDD
OVDD
LTC2335-18
CONTROL
LOGIC
2.048V
REFERENCE
SEQUENCER
LVDS/CMOS
PD
CNV
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
IN4+
IN4–
IN5+
IN5–
IN6+
IN6–
IN7+
IN7–
20k
2
×
SDO
SCKO
SDI
SCKI
CS
2.5V
REGULATOR
SDO+
SDO–
SCKO+
SCKO–
SDI+
SDI–
SCKI+
SCKI–
CS
IN0+
IN0–
BUSY
18-BIT
SAMPLING
ADC
LVDS
SERIAL
I/O
INTERFACE
233518 BD02
18 BITS
REFERENCE
BUFFER
REFBUF
REFIN
GND
VCC
VEE
VDDLBYP
VDD
OVDD
LTC2335-18
CONTROL
LOGIC
2.048V
REFERENCE
2.5V
REGULATOR
LVDS/CMOS
PD
CNV
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
IN4+
IN4–
IN5+
IN5–
IN6+
IN6–
IN7+
IN7–
20k
2
×
SEQUENCER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com