Electronic Components Datasheet Search
  English  ▼

X  

LT1358 Datasheet(PDF) 25 Page - Linear Technology

Part # LT1358
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT1358 Datasheet HTML 21Page - Linear Technology LT1358 Datasheet HTML 22Page - Linear Technology LT1358 Datasheet HTML 23Page - Linear Technology LT1358 Datasheet HTML 24Page - Linear Technology LT1358 Datasheet HTML 25Page - Linear Technology LT1358 Datasheet HTML 26Page - Linear Technology LT1358 Datasheet HTML 27Page - Linear Technology LT1358 Datasheet HTML 28Page - Linear Technology LT1358 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
LTC2335-18
25
233518f
For more information www.linear.com/LTC2335-18
Buffering Single-Ended Analog Input Signals
While the circuit shown in Figure 6a is capable of buffering
single-ended input signals, the circuit shown in Figure 9 is
preferable when the single-ended signal reference level is
inherently low impedance and doesn't require buffering.
This circuit eliminates one driver and lowpass filter, reduc-
ing part count, power dissipation, and SNR degradation
due to driver noise. Using the recommended driver and
filter combinations in Table 2, the performance of this
circuit with single-ended input signals is on par with the
performance of the circuit in Figure 6a.
applicaTions inForMaTion
Figure 8. Sense Voltage (CH0) and Current (CH1)
Over a Wide Common Mode Range
Figure 7c. IN+/IN– = 450mV 2kHz Fully Differential Sine,
0V ≤ VCM ≤ 24V, 32k Point FFT, fSMPL = 200ksps. Circuit
Shown in Figure 7a
Figure 7b. CMRR vs Input Frequency. Circuit Shown in Figure 7a
Figure 9. Buffering Single-Ended Input Signals. See Table 2 For Recommended Amplifier and Filter Combinations
–15V
15V
LTC2335-18
233518 F08
ONLY CHANNELS 0 AND 1 SHOWN FOR CLARITY
0.1µF
0.1µF
0.1µF
47µF
–10.24V ≤ VS1 ≤ 10.24V
–10.24V ≤ VS2 ≤ 10.24V
VS1 – VS2
RSENSE
ISENSE =
IN0+
IN0–
IN1+
IN1–
VCC
REFIN
REFBUF
VEE
ISENSE
RSENSE
VS2
VS1
–15V
–15V
15V
15V
LTC2335-18
233518 F09
ONLY CHANNEL 0 SHOWN FOR CLARITY
TRUE BIPOLAR
+10V
0V
–10V
+10V
0V
–10V
UNIPOLAR
–
+
0.1µF
0.1µF
0.1µF
47µF
IN0+
IN0–
AMPLIFIER
VCC
REFIN
REFBUF
VEE
OPTIONAL
LOWPASS FILTER
CFILT
RFILT
IN+
IN–
±5V RANGE
IN+ = IN– = 1VP-P SINE
IN+ = IN– = 24VP-P SINE
OP AMPS SLEW fIN > 30kHz
FREQUENCY (Hz)
10
100
1k
10k
100k
50
60
70
80
90
100
110
120
233518 F07b
±5V RANGE
FULLY DIFFERENTIAL DRIVE (IN– = +IN+)
SNR = 90.0dB
THD = –113dB
SINAD = 90.0dB
SFDR = 117dB
FREQUENCY (kHz)
0
20
40
60
80
100
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
233518 F07c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com