Electronic Components Datasheet Search
  English  ▼

X  

LT1358 Datasheet(PDF) 31 Page - Linear Technology

Part # LT1358
Description  18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 31 Page - Linear Technology

Back Button LT1358 Datasheet HTML 27Page - Linear Technology LT1358 Datasheet HTML 28Page - Linear Technology LT1358 Datasheet HTML 29Page - Linear Technology LT1358 Datasheet HTML 30Page - Linear Technology LT1358 Datasheet HTML 31Page - Linear Technology LT1358 Datasheet HTML 32Page - Linear Technology LT1358 Datasheet HTML 33Page - Linear Technology LT1358 Datasheet HTML 34Page - Linear Technology LT1358 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC2335-18
31
233518f
For more information www.linear.com/LTC2335-18
Figure 16. Power Dissipation of the LTC2335-18
Decreases with Decreasing Sampling Frequency
applicaTions inForMaTion
Power Dissipation vs Sampling Frequency
When nap mode is employed, the power dissipation of
the LTC2335-18 decreases as the sampling frequency is
reduced, as shown in Figure 16. This decrease in aver-
age power dissipation occurs because a portion of the
LTC2335-18 circuitry is turned off during nap mode, and
the fraction of the conversion cycle (tCYC) spent napping
increases as the sampling frequency (fSMPL)isdecreased.
DIGITAL INTERFACE
TheLTC2335-18featuresCMOSandLVDSserialinterfaces,
selectable using the LVDS/CMOS pin. The flexible OVDD
supply allows the LTC2335-18 to communicate with any
CMOSlogicoperatingbetween1.8Vand5V,including2.5V
and 3.3V systems, while the LVDS interface supports low
noise digital designs. Together, these I/O interface options
enable the LTC2335-18 to communicate equally well with
legacy microcontrollers and modern FPGAs.
Serial CMOS I/O Mode
As shown in Figure 17, in CMOS I/O mode the serial data
bus consists of a serial clock input, SCKI, serial data input,
SDI, serial clock output, SCKO, and serial data output,
SDO. Communication with the LTC2335-18 across this
bus occurs during predefined data transaction windows.
Within a window, the device accepts control words on SDI
to configure the SoftSpan range and channel for the next
conversionandprogramthesequencer,andoutputs24-bit
packetscontainingtheconversionresultandconfiguration
information from the previous conversion on SDO.
Figure 17. Serial CMOS I/O Mode, Direct Per-Conversion Configuration
C7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18 19
20
21
22
23
24
C6 C5 C4 C3 C2 C1 C0
D17
D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1
D17
CNV
CS = PD = 0
DON’T CARE
tACQ
BUSY
SCKO
SDO
SCKI
SDI
DON’T CARE
DON’T CARE
SAMPLE N
RECOMMENDED DATA TRANSACTION WINDOW
SAMPLE N + 1
CONTROL WORD FOR CONVERSION N + 1
24-BIT PACKET CONVERSION N
24-BIT PACKET CONVERSION N
(REPETITION)
CONVERSION RESULT
CHANNEL ID
SoftSpan
CONVERSION RESULT
CH2 CH1 CH0
D0
SS1
SS2
SS0
tSSDISCKI
tHSDOSCKI
tDSDOSCKI
tBUSYLH
tHSDISCKI
tSCKIH
tQUIET
tSCKIL
tDSDOBUSYL
tCNVH
tSKEW
tCONV
tCNVL
tCYC
233518 F17
tSCKI
IOVDD
IVDD
IVEE
IVCC
WITH NAP MODE
t CNVL = 500ns
SAMPLING FREQUENCY (kHz)
0
200
400
600
800
1000
–6
–4
–2
0
2
4
6
8
10
12
14
16
233518 F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com