Electronic Components Datasheet Search
  English  ▼

X  

LT6020 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6020
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6020 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6020 Datasheet HTML 10Page - Linear Technology LT6020 Datasheet HTML 11Page - Linear Technology LT6020 Datasheet HTML 12Page - Linear Technology LT6020 Datasheet HTML 13Page - Linear Technology LT6020 Datasheet HTML 14Page - Linear Technology LT6020 Datasheet HTML 15Page - Linear Technology LT6020 Datasheet HTML 16Page - Linear Technology LT6020 Datasheet HTML 17Page - Linear Technology LT6020 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC2358-16
14
Rev A
For more information www.analog.com
PIN FUNCTIONS
CMOS I/O Mode
SDO0 to SDO7 (Pins 25, 26, 27, 28, 33, 34, 35, and 36):
CMOS Serial Data Outputs, Channels 0 to 7. The most
recent conversion result along with channel configuration
information is clocked out onto the SDO pins on each ris-
ing edge of SCKI. Output data formatting is described in
the Digital Interface section. Leave unused SDO outputs
unconnected. Logic levels are determined by OVDD.
SCKI (Pin 29): CMOS Serial Clock Input. Drive SCKI with
the serial I/O clock. SCKI rising edges latch serial data in
on SDI and clock serial data out on SDO0 to SDO7. For
standard SPI bus operation, capture output data at the
receiver on rising edges of SCKI. SCKI is allowed to idle
either high or low. Logic levels are determined by OVDD.
OVDD (Pin 31): I/O Interface Power Supply. In CMOS I/O
mode, the range of OVDD is 1.71V to 5.25V. Bypass OVDD
to GND (Pin 30) close to the pin with a 0.1μF ceramic
capacitor.
SCKO (Pin 32): CMOS Serial Clock Output. SCKI rising
edges trigger transitions on SCKO that are skew-matched
to the serial output data streams on SDO0 to SDO7. The
resulting SCKO frequency is half that of SCKI. Rising and
falling edges of SCKO may be used to capture SDO data
at the receiver (FPGA) in double data rate (DDR) fashion.
For standard SPI bus operation, SCKO is not used and
should be left unconnected. SCKO is forced low at the
falling edge of BUSY. Logic levels are determined by OVDD.
SDI (Pin 37): CMOS Serial Data Input. Drive this pin with
the desired 24-bit SoftSpan configuration word (see Table
1a), latched on the rising edges of SCKI. If all channels
will be configured to operate only in SoftSpan 7, tie SDI
to OVDD. Logic levels are determined by OVDD.
CS (Pin 39): Chip Select Input. The serial data I/O bus is
enabled when CS is low and is disabled and Hi-Z when
CS is high. CS also gates the external shift clock, SCKI.
Logic levels are determined by OVDD.
LVDS I/O Mode
SDO0, SDO7, SDI (Pins 25, 36, and 37): CMOS Serial
Data I/O. In LVDS I/O mode, these pins are Hi-Z.
SDI+/SDI–(Pins26/27):LVDSPositiveandNegativeSerial
Data Input. Differentially drive SDI+/SDI– with the desired
24-bitSoftSpanconfigurationword(seeTable1a),latched
on both the rising and falling edges of SCKI+/SCKI–. The
SDI+/SDI– input pair is internally terminated with a 100Ω
differential resistor when CS is low.
SCKI+/SCKI– (Pins 28/29): LVDS Positive and Negative
Serial Clock Input. Differentially drive SCKI+/SCKI– with
the serial I/O clock. SCKI+/SCKI– rising and falling edges
latch serial data in on SDI+/SDI– and clock serial data out
on SDO+/SDO–. Idle SCKI+/SCKI– low, including when
transitioning CS. The SCKI+/SCKI– input pair is internally
terminatedwitha100ΩdifferentialresistorwhenCSislow.
OVDD (Pin 31): I/O Interface Power Supply. In LVDS I/O
mode, the range of OVDD is 2.375V to 5.25V. Bypass OVDD
to GND (Pin 30) close to the pin with a 0.1μF ceramic
capacitor.
SCKO+/SCKO– (Pins 32/33): LVDS Positive and Negative
Serial Clock Output. SCKO+/SCKO– outputs a copy of the
input serial I/O clock received on SCKI+/SCKI–, skew-
matchedwiththeserialoutputdatastreamonSDO+/SDO–.
Use the rising and falling edges of SCKO+/SCKO– to cap-
ture SDO+/SDO– data at the receiver (FPGA). The SCKO+/
SCKO– output pair must be differentially terminated with
a 100Ω resistor at the receiver (FPGA).
SDO+/SDO– (Pins 34/35): LVDS Positive and Negative
Serial Data Output. The most recent conversion result
along with channel configuration information is clocked
out onto SDO+/SDO– on both rising and falling edges of
SCKI+/SCKI–, beginning with channel 0. The SDO+/SDO–
output pair must be differentially terminated with a 100Ω
resistor at the receiver (FPGA).
CS (Pin 39): Chip Select Input. The serial data I/O bus is
enabled when CS is low, and is disabled and Hi-Z when
CS is high. CS also gates the external shift clock, SCKI+/
SCKI–.Theinternal100Ωdifferentialterminationresistors
on the SCKI+/SCKI– and SDI+/SDI– input pairs are disabled
when CS is high. Logic levels are determined by OVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com