Electronic Components Datasheet Search
  English  ▼

X  

LT6020 Datasheet(PDF) 29 Page - Linear Technology

Part # LT6020
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6020 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT6020 Datasheet HTML 25Page - Linear Technology LT6020 Datasheet HTML 26Page - Linear Technology LT6020 Datasheet HTML 27Page - Linear Technology LT6020 Datasheet HTML 28Page - Linear Technology LT6020 Datasheet HTML 29Page - Linear Technology LT6020 Datasheet HTML 30Page - Linear Technology LT6020 Datasheet HTML 31Page - Linear Technology LT6020 Datasheet HTML 32Page - Linear Technology LT6020 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LTC2358-16
29
Rev A
For more information www.analog.com
draws only a small regulator standby current resulting in a
typical power dissipation of 0.68mW. To exit power down
mode, bring the PD pin low and wait at least 10ms before
initiating a conversion. When employing the internal refer-
ence buffer, allow 200ms for the buffer to power up and
recharge the REFBUF bypass capacitor. Any conversion
initiated before these times will produce invalid results.
Reset Timing
A global reset of the LTC2358-16, equivalent to a power-
on-reset event, may be executed without needing to cycle
the supplies. This feature is useful when recovering from
system-level events that require the state of the entire sys-
tem to be reset to a known synchronized value. To initiate
a global reset, bring PD high twice without an intervening
conversion, as shown in Figure 14. The reset event is trig-
geredonthesecondrisingedgeofPD,andasynchronously
ends based on an internal timer. Reset clears all serial data
outputregistersandrestorestheinternalSoftSpanconfigu-
ration register default state of all channels in SoftSpan 7.
If reset is triggered during a conversion, the conversion
is immediately halted. The normal power down behavior
associatedwithPDgoinghighisnotaffectedbyreset.Once
PD is brought low, wait at least 10ms before initiating a
conversion. When employing the internal reference buffer,
allow 200ms for the buffer to power up and recharge the
REFBUF bypass capacitor. Any conversion initiated before
these times will produce invalid results.
Power Dissipation vs Sampling Frequency
When nap mode is employed, the power dissipation of
the LTC2358-16 decreases as the sampling frequency is
APPLICATIONS INFORMATION
reduced, as shown in Figure 15. This decrease in aver-
age power dissipation occurs because a portion of the
LTC2358-16 circuitry is turned off during nap mode, and
the fraction of the conversion cycle (tCYC) spent napping
increases as the sampling frequency (fSMPL)isdecreased.
IOVDD
IVDD
IVEE
IVCC
WITH NAP MODE
tCNVL = 1µs
SAMPLING FREQUENCY (kHz)
0
40
80
120
160
200
–6
–4
–2
0
2
4
6
8
10
12
14
16
235816 F15
Figure 15. Power Dissipation of the LTC2358-16
Decreases with Decreasing Sampling Frequency
DIGITAL INTERFACE
TheLTC2358-16featuresCMOSandLVDSserialinterfaces,
selectable using the LVDS/CMOS pin. The flexible OVDD
supply allows the LTC2358-16 to communicate with any
CMOS logic operating between 1.8V and 5V, including
2.5V and 3.3V systems, while the LVDS interface supports
low noise digital designs. In CMOS mode, applications
may employ between one and eight lanes of serial data
output, allowing the user to optimize bus width and data
throughput. Together, these I/O interface options enable
the LTC2358-16 to communicate equally well with legacy
microcontrollers and modern FPGAs.
CNV
tCONV
tCNVH
tPDH
tPDL
BUSY
RESET
RESET TIME
SET INTERNALLY
SECOND RISING EDGE OF
PD TRIGGERS RESET
PD
tWAKE
235816 F14
Figure 14. Reset Timing for the LTC2358-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com