Electronic Components Datasheet Search
  English  ▼

X  

LT6020 Datasheet(PDF) 19 Page - Linear Technology

Part # LT6020
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6020 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT6020 Datasheet HTML 15Page - Linear Technology LT6020 Datasheet HTML 16Page - Linear Technology LT6020 Datasheet HTML 17Page - Linear Technology LT6020 Datasheet HTML 18Page - Linear Technology LT6020 Datasheet HTML 19Page - Linear Technology LT6020 Datasheet HTML 20Page - Linear Technology LT6020 Datasheet HTML 21Page - Linear Technology LT6020 Datasheet HTML 22Page - Linear Technology LT6020 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
LTC2358-16
19
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
OVERVIEW
The LTC2358-16 is a 16-bit, low noise 8-channel simul-
taneous sampling successive approximation register
(SAR) ADC with buffered differential, wide common
mode range picoamp inputs. The ADC operates from a
5V low voltage supply and flexible high voltage supplies,
nominally ±15V. Using the integrated low-drift reference
and buffer (VREFBUF = 4.096V nominal), each channel of
this SoftSpan ADC can be independently configured on a
conversion-by-conversion basis to accept ±10.24V, 0V to
10.24V, ±5.12V, or 0V to 5.12V signals. The input signal
range may be expanded up to ±12.5V using an external
5V reference. Individual channels may also be disabled to
increase throughput on the remaining channels.
The integrated picoamp-input analog buffers, wide input
common mode range, and 128dB CMRR of the LTC2358-
16 allow the ADC to directly digitize a variety of signals
using minimal board space and power. This input signal
flexibility, combined with ±1LSB INL, no missing codes
at 16 bits, and 94.2dB SNR, makes the LTC2358-16 an
ideal choice for many high voltage applications requiring
wide dynamic range.
The absolute common mode input range (VEE + 4V to
VCC – 4V) is determined by the choice of high voltage
supplies. These supplies may be biased asymmetrically
around ground and include the ability for VEE to be tied
directly to ground.
The LTC2358-16 supports pin-selectable SPI CMOS (1.8V
to 5V) and LVDS serial interfaces, enabling it to com-
municate equally well with legacy microcontrollers and
modern FPGAs. In CMOS mode, applications may employ
between one and eight lanes of serial output data, allowing
the user to optimize bus width and data throughput. The
LTC2358-16 typically dissipates 219mW when converting
eight channels simultaneously at 200ksps per channel.
Optional nap and power down modes may be employed to
furtherreducepowerconsumptionduringinactiveperiods.
CONVERTER OPERATION
The LTC2358-16 operates in two phases. During the ac-
quisition phase, the sampling capacitors in each channel’s
sample-and-hold (S/H) circuit connect to their respective
analog input buffers, which track the differential analog
input voltage (VIN+ – VIN–). A rising edge on the CNV pin
transitions all channels’ S/H circuits from track mode to
hold mode, simultaneously sampling the input signals
on all channels and initiating a conversion. During the
conversion phase, each channel’s sampling capacitors
are connected, one channel at a time, to a 16-bit charge
redistribution capacitor D/A converter (CDAC). The CDAC
is sequenced through a successive approximation algo-
rithm, effectively comparing the sampled input voltage
with binary-weighted fractions of the channel’s SoftSpan
full-scale range (e.g., VFSR/2, VFSR/4 … VFSR/65536) us-
ing a differential comparator. At the end of this process,
the CDAC output approximates the channel’s sampled
analog input. Once all channels have been converted in
this manner, the ADC control logic prepares the 16-bit
digital output codes from each channel for serial transfer.
TRANSFER FUNCTION
TheLTC2358-16digitizeseachchannel’sfull-scalevoltage
range into 216 levels. In conjunction with the ADC master
reference voltage, VREFBUF, a channel’s SoftSpan configu-
ration determines its input voltage range, full-scale range,
LSB size, and the binary format of its conversion result, as
shown in Tables 1a and 1b. For example, employing the
internal reference and buffer (VREFBUF = 4.096V nominal),
SoftSpan 7 configures a channel to accept a ±10.24V bi-
polar analog input voltage range, which corresponds to a
20.48Vfull-scalerangewitha312.5μVLSB.OtherSoftSpan
configurationsandreferencevoltagesmaybeemployedto
convert both larger and smaller bipolar and unipolar input
ranges. Conversion results are output in two’s comple-
ment binary format for all bipolar SoftSpan ranges, and
in straight binary format for all unipolar SoftSpan ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com