| Electronic Components Datasheet Search |
|
UT-79 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UT-79 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers |
|
32 / 36 page ![]() TROUBLESHOOTING 7 28 PROBLEM POSSIBLE CAUSE SOLUTION REF. No power comes on. • Power cord not connected properly. • Blown fuse. • Check the power cord connection. • Check the polarity of the power connection, then, replace the fuse. p. 23 p. 26 No sound comes from the speaker. • [SQUELCH] is rotated too far clockwise. • Rotate [SQUELCH] counterclockwise to a suit- able position. p. 8 • [SQUELCH] is rotated too far clockwise. • Antenna feedline or the antenna connector sol- der has poor contact or is short circuited. • Rotate [SQUELCH] counterclockwise to a suit- able position. • Check, and if necessary, replace the feedline or solder the antenna connector again. p. 8 p. 23 • Transmission is restricted on some channels. • Change channels. p. 29 Desired channel cannot be selected. • Different channel group is selected. • Push and hold [CH/WX • U/I/C] to select the ap- propriate channel group (U.S.A., INT or CAN). p. 7 No display backlighting. • Backlight function is turned OFF. • While pushing [HI/LO • DIM], rotate the channel selector to select the desired brightness. p. 11 Scan does not start. • No “TAG” channels are programmed. • Set channels to be scanned as “TAG” channels. p. 10 Receive signal cannot be un- derstood. • Voice scrambler has been turned OFF. • Voice scrambler code has not been set correctly. • Install the optional UT-79, then activate the func- tion. • Reset the scramble code. p. 8 p. 20 Sensitivity is low and only strong signals are audible. Transmitting is impossible or high power cannot be se- lected. No beeps sound even when a switch is pushed. • Beep function is turned OFF. • Set beeps to ON in SET mode. p. 20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |