Electronic Components Datasheet Search
  English  ▼

X  

UT-79 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UT-79
Description  VHF MARINE TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT-79 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UT-79 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 10Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 11Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 12Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
5
2
PANEL DESCRIPTION
o DUPLEX INDICATOR
Appears when the selected channel is a duplex channel.
!0 ACKNOWLEDGEMENT/RECEIVE INDICATORS
Appear during optional DSC operation. (pgs. 13–18)
• “RCV” appears when a DSC call is received.
•“ACK RCV” appears when an acknowledgement is received.
•“ACK” and “$” appear when transmitting an acknowledge-
ment.
!1 DSC INDICATORS (pgs. 13–18)
Appear during optional DSC operation and show a format
specifier, message, etc.
!2 NMEA INDICATOR
Appears when NMEA devices (such as a GPS receiver)
are connected. (p. 12)
!3 WEATHER ALERT INDICATOR
Indicates the weather alert function is activated. (p. 7)
!4 MODE INDICATORS (p. 7)
•“USA” shows USA channels are selected.
•“CAN” shows Canadian channels are selected.
•“INT” shows International channels are selected.
•“WX” shows weather channels are selected.
!5 LOW POWER INDICATOR
Shows that low output power is selected. (p. 9)
!6 CALL CHANNEL INDICATOR
Appears when the call channel is selected. (p. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com