Electronic Components Datasheet Search
  English  ▼

X  

UT-79 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # UT-79
Description  VHF MARINE TRANSCEIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT-79 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button UT-79 Datasheet HTML 28Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 29Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 30Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 31Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 32Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 33Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 34Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 35Page - List of Unclassifed Manufacturers UT-79 Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
VHF MARINE CHANNEL LIST
8
29
Channel number
USA
CAN Transmit Receive
01
156.050 160.650
01A
156.050 156.050
02
156.100 160.700
02A
156.100 156.100
03
156.150 160.750
03A
156.150 156.150
156.200 160.800
04A
04A 156.200 156.200
156.250 160.850
05A
05A 156.250 156.250
06
06
156.300 156.300
156.350 160.950
07A
07A 156.350 156.350
08
08
156.400 156.400
09
09
156.450 156.450
10
10
156.500 156.500
11
11
156.550 156.550
12
12
156.600 156.600
13*2
13*1 156.650 156.650
14
14
156.700 156.700
15*2
15*1 156.750 156.750
16
16
156.800 156.800
17*1
17*1 156.850 156.850
156.900 161.500
18A
18A 156.900 156.900
Frequency (MHz)
INT
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15*1
16
17
18
Channel number Frequency (MHz)
USA
CAN Transmit Receive
156.950 161.550
19A
19A 156.950 156.950
20
20
157.000 161.600
21
157.050 161.650
21A
21A 157.050 157.050
157.100 161.700
22A
22A 157.100 157.100
23
157.150 161.750
23A
157.150 157.150
24
24
157.200 161.800
25
25
157.250 161.850
26
26
157.300 161.900
27
27
157.350 161.950
28
28
157.400 162.000
60
156.025 160.625
60A
156.025 156.025
156.075 160.675
61A
61A 156.075 156.075
156.125 160.725
62A
62A 156.125 156.125
156.175 160.775
63A
156.175 156.175
64
156.225 160.825
64A
64A 156.225 156.225
INT
19
20
21
22
23
24
25
26
27
28
60
61
62
63
64
20A
157.000 157.000
Channel number
66A
Frequency (MHz)
66A*1
USA
CAN Transmit Receive
156.275 160.875
65A
65A 156.275 156.275
156.325 160.925
67*2
67
156.375 156.375
68
68
156.425 156.425
69
69
156.475 156.475
70*3
70*3 156.525 156.525
71
71
156.575 156.575
72
72
156.625 156.625
73
73
156.675 156.675
74
74
156.725 156.725
75
75
Guard
Guard
76
76
Guard
Guard
77*1
77*1 156.875 156.875
156.925 161.525
78A
78A 156.925 156.925
156.975 161.575
79A
79A 156.975 156.975
157.025 161.625
80A
80A 157.025 157.025
157.075 161.675
81A
81A 157.075 157.075
157.125 161.725
82A
82A 157.125 157.125
INT
65
65A
66
67
68
69
70*3
71
72
73
74
75
76
77
78
79
80
81
82
156.325 156.325
66A
Channel number
84A
Frequency (MHz)
USA
CAN Transmit Receive
83
157.175 161.775
83A
83A 157.175 157.175
84
84
157.225 161.825
85
85
157.275 161.875
85A
157.275 157.275
86
86
157.325 161.925
86A
157.325 157.325
87
87
157.375 161.975
87A
157.375 157.375
88
88
157.425 162.025
88A
157.425 157.425
INT
83
84
85
86
87
88
157.225 157.225
WX channel
04
Frequency (MHz)
Transmit
Receive
01
RX only
162.550
02
RX only
162.400
03
RX only
162.475
05
RX only
162.450
06
RX only
162.500
07
RX only
162.525
08
RX only
161.650
09
RX only
161.775
10
RX only
163.275
RX only
162.425
*1 Low power only.
*2 Momentary high power.
*3 Receive only (except for DSC transmissions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com