Electronic Components Datasheet Search
  English  ▼

X  

SD57030 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD57030
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57030 Datasheet(HTML) 1 Page - STMicroelectronics

  SD57030 Datasheet HTML 1Page - STMicroelectronics SD57030 Datasheet HTML 2Page - STMicroelectronics SD57030 Datasheet HTML 3Page - STMicroelectronics SD57030 Datasheet HTML 4Page - STMicroelectronics SD57030 Datasheet HTML 5Page - STMicroelectronics SD57030 Datasheet HTML 6Page - STMicroelectronics SD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
March, 24 2003
SD57030
RF POWER TRANSISTORS
The
LdmoST FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 30 W WITH 13 dB gain @ 945 MHz
• BeO FREE PACKAGE
DESCRIPTION
The SD57030 is a common source N-Channel
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial and
industrial applications at frequencies up to 1.0
GHz. The SD57030 is designed for high gain and
broadband performance operating in common
source mode at 28 V. It is ideal for base station
applications requiring high linearity.
PIN CONNECTION
1
3
2
1. Drain
2. Gate
3. Source
M243
(Epoxy Sealed)
ORDER CODE
SD57030
BRANDING
TSD57030
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
65
V
VDGR
Drain-Gate Voltage (RGS = 1 MΩ)
65
V
VGS
Gate-Source Voltage
+ 20
V
ID
Drain Current
4
A
PDISS
Power Dissipation (@ Tc = 70°C)
74
W
Tj
Max. Operating Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to + 200
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance
1.75
°C/W


Similar Part No. - SD57030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD57030 ETC1-SD57030 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD57030-01 STMICROELECTRONICS-SD57030-01 Datasheet
73Kb / 7P
RF POWER TRANSISTORS The LdmoSTFAMILY
Jan-2000
logo
List of Unclassifed Man...
SD57030-01 ETC1-SD57030-01 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD57030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
27-Nov-2002
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
11-Mar-2003
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com