Electronic Components Datasheet Search
  English  ▼

X  

SD57030 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD57030
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57030 Datasheet(HTML) 3 Page - STMicroelectronics

  SD57030 Datasheet HTML 1Page - STMicroelectronics SD57030 Datasheet HTML 2Page - STMicroelectronics SD57030 Datasheet HTML 3Page - STMicroelectronics SD57030 Datasheet HTML 4Page - STMicroelectronics SD57030 Datasheet HTML 5Page - STMicroelectronics SD57030 Datasheet HTML 6Page - STMicroelectronics SD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
SD57030
Output Power vs. Input Power
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Pin, INPUT POW ER (W )
0
10
20
30
40
f= 945 MHz
Vdd= 28 V
Idq= 50 mA
TYPICAL PERFORMANCE (CW)
Power Gain and Efficiency vs. Output Power
0
5
10
15
20
25
30
35
40
Pout, OUTPUT POWER (W)
0
3
6
9
12
15
18
21
0
10
20
30
40
50
60
70
f= 945 MHz
Vdd= 28 V
Idq= 50 mA
Gain
Eff
Output Power vs. Gate Source Voltage
-5
-4
-3
-2
-1
0
1
2
3
4
Vgs, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
25
30
35
f= 945 MHz
Vdd= 28 V
Idq= 50 mA
Output Power vs. Supply Voltage
8
1216
2024
2832
VDD, SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
f= 945 MHz
Idq= 50 mA
Pin= .24 W
Pin= .84 W
Pin= .47 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com