Electronic Components Datasheet Search
  English  ▼

X  

SD57030 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD57030
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57030 Datasheet(HTML) 4 Page - STMicroelectronics

  SD57030 Datasheet HTML 1Page - STMicroelectronics SD57030 Datasheet HTML 2Page - STMicroelectronics SD57030 Datasheet HTML 3Page - STMicroelectronics SD57030 Datasheet HTML 4Page - STMicroelectronics SD57030 Datasheet HTML 5Page - STMicroelectronics SD57030 Datasheet HTML 6Page - STMicroelectronics SD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD57030
4/7
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
COMPONENT
DESCRIPTION
C19
200
µF / 63V ALLUMINIUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C18, C14
0.1
µF / 500V SURFACE MOUNT CERAMIC CHIP CAPACITOR
C17
100 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C16, C12, C11,C1
47 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C15
10
µF / 50V ALUMINIUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C13
100 pF ATC 700B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C9, C2
0.8-8.0 pF GIGA TRIM VARIABLE CAPACITOR
C8
6.2 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C7, C6, C5 ,C4
10 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C3
3 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
R3
120 0-IM, 2W SURFACE MOUNT CERAMIC CHIP CAPACITOR
R2
4.7 M OHM 1W SURFACE MOUNT CERAMIC CHIP CAPACITOR
R1
18 K OHM, 1W SURFACE MOUNT CERAMIC CHIP CAPACITOR
FB2, FB1
SHIELD BEAD SURFACE MOUNT EMI
L2, L1
INDUCTOR, 5 TURNS AIR WOUND #22AWG, ID=0.059[1.49], NYLON COATED MAGNET
WIRE
PCB
WOVEN FIBERGLASS REINFORCED PTFE 0.080’’ THK,
εr=2.55, 2 Oz EDCu BOTH SIDE
V
IN
RF
G
G +
+
OUT
RF
+
D
+
D
V
NOTES:
1. DIMENSIONS AT COMPONENT SYMBOLS ARE REFERENCE FOR COMPONENT PLACEMENT.
2. GAP BETWEEN GROUND & TRANSMISSION LINE = 0.056 [1.42] +0.002 [0.05] -0.000 [0.00] TYP.
3. DIMENSIONS OF INPUT AND OUTPUT COMPONENT FROM EDGE OF TRANSMISSION LINES.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com