Electronic Components Datasheet Search
  English  ▼

X  

MAX3003EUP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3003EUP
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003EUP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3003EUP Datasheet HTML 5Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 6Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 7Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 8Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 9Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 10Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 11Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 12Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
100
200
300
400
500
600
10
30
20
40
50
60
70
80
90 100
CAPACITIVE LOAD (pF)
MAX3000E
PROPAGATION DELAY vs. CAPACITIVE LOAD ON
I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
tPHL
tPLH
DATA RATE = 230kbps
0
3
9
6
12
15
CAPACITIVE LOAD (pF)
10
30
20
40
50
MAX3001E
PROPAGATION DELAY vs. CAPACITIVE LOAD ON
I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
tPLH
tPHL
DATA RATE = 4Mbps
0
1
3
2
4
5
CAPACITIVE LOAD (pF)
10
20
15
25
30
MAX3002–MAX3012
PROPAGATION DELAY vs. CAPACITIVE LOAD ON
I/O VL (DRIVING I/O VCC, VCC = 3.3V, VL = 1.8V)
tPLH
tPHL
DATA RATE = 20Mbps
1
µs
MAX3000E RAIL-TO-RAIL DRIVING
(DRIVING I/O VL, VCC = 3.3V, VL = 1.8V,
CVCC = 50pF, DATA RATE = 230kbps)
GND
I/O VL_
1V/div
GND
MAX3000E/01E/02-12 toc19
I/O VCC_
2V/div
40ns
MAX3001E RAIL-TO-RAIL DRIVING
(DRIVING I/O VL, VCC = 3.3V, VL = 1.8V,
CVCC = 50pF, DATA RATE = 4Mbps)
GND
I/O VL_
1V/div
GND
MAX3000E/01E/02-12 toc20
I/O VCC_
2V/div
10ns
MAX3002–MAX3012 RAIL-TO-RAIL DRIVING
(DRIVING I/O VL, VCC = 3.3V, VL = 1.8V,
CVCC = 50pF, DATA RATE = 20Mbps)
GND
I/O VL_
1V/div
GND
MAX3000E/01E/02-12 toc21
I/O VCC_
2V/div
0
10
5
20
15
25
30
10
30
20
40
50
CAPACITIVE LOAD (pF)
MAX3001E
PROPAGATION DELAY vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
tPHL
tPLH
DATA RATE = 4Mbps
0
4
2
8
6
10
12
10
20
15
25
30
CAPACITIVE LOAD (pF)
MAX3002–MAX3012
PROPAGATION DELAY vs. CAPACITIVE LOAD ON
I/O VCC (DRIVING I/O VL, VCC = 3.3V, VL = 1.8V)
tPHL
tPLH
DATA RATE = 20Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com