Electronic Components Datasheet Search
  English  ▼

X  

MAX3003EUP Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX3003EUP
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003EUP Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX3003EUP Datasheet HTML 16Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 17Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 18Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 19Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 20Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 21Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 22Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 23Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
22
______________________________________________________________________________________
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
O VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
I VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3010
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
O VL6
O VL7
I VL8
EN
12
11
9
10
O VCC8
I VCC7
I VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3011
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
O VL6
O VL7
O VL8
EN
12
11
9
10
I VCC8
I VCC7
I VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3012
TSSOP
TOP VIEW
Pin Configurations (continued)
Chip Information
TRANSISTOR COUNT: 1184
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX3001EEUP
-40°C to +85°C
20 TSSOP
MAX3001EEBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3001EAUP
-40°C to +125°C
20 TSSOP
MAX3002EUP
-40°C to +85°C
20 TSSOP
MAX3002EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3003EUP
-40°C to +85°C
20 TSSOP
MAX3003EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3004EUP*
-40°C to +85°C
20 TSSOP
MAX3004EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3005EUP*
-40°C to +85°C
20 TSSOP
MAX3005EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3006EUP*
-40°C to +85°C
20 TSSOP
MAX3006EBP-T*
-40°C to +85°C
4 x 5 UCSP
PART
TEMP RANGE
PIN-PACKAGE
MAX3007EUP*
-40°C to +85°C
20 TSSOP
MAX3007EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3008EUP*
-40°C to +85°C
20 TSSOP
MAX3008EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3009EUP*
-40°C to +85°C
20 TSSOP
MAX3009EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3010EUP*
-40°C to +85°C
20 TSSOP
MAX3010EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3011EUP*
-40°C to +85°C
20 TSSOP
MAX3011EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3012EUP*
-40°C to +85°C
20 TSSOP
MAX3012EBP-T*
-40°C to +85°C
4 x 5 UCSP
*Future product—contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com