Electronic Components Datasheet Search
  English  ▼

X  

MAX3003EUP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3003EUP
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003EUP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3003EUP Datasheet HTML 8Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 9Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 10Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 11Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 12Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 13Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 14Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 15Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
12
______________________________________________________________________________________
Pin Description (continued)
NAME
FUNCTION (Note 1)
VCC
VCC Input Voltage, +1.65V < VCC < +5.5V. Bypass VCC to GND with a 0.1µF capacitor.
VL
Logic Input Voltage, +1.2V
≤ VL ≤ VCC. Bypass VL to GND with a 0.1µF capacitor.
GND
Ground
EN
(MAX3004)
Enable Input. If EN is pulled low, OVCC1–OVCC8 are in three-state, while IVL1–IVL8 have 6k
Ω pulldown
resistors. Drive EN high (VL) for normal operation.
EN
(MAX3005)
Enable Input. If EN is pulled low, IVCC1 and OVCC2–OVCC8 are in three-state, while OVL1 and IVL2–IVL8 have
6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3006)
Enable Input. If EN is pulled low, IVCC1, IVCC2, and OVCC3–OVCC8 are in three-state, while OVL1, OVL2, and
IVL3–IVL8 have 6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3007)
Enable Input. If EN is pulled low, IVCC1, IVCC2, IVCC3, and OVCC4–OVCC8 are in three-state, while OVL1,
OVL2, OVL3, and IVL4–IVL8 have 6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3008)
Enable Input. If EN is pulled low, IVCC1–IVCC4 and OVCC5–OVCC8 are in three-state, while OVL1–OVL4 and
IVL5–IVL8 have 6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3009)
Enable Input. If EN is pulled low, IVCC1–IVCC5, OVCC6, OVCC7, and OVCC8 are in three-state, while
OVL1–OVL5, IVL6, IVL7, and IVL8 have 6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3010)
Enable Input. If EN is pulled low, IVCC1–IVCC6, OVCC7, and OVCC8 are in three-state, while OVL1–OVL6, IVL7,
and IVL8 have 6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3011)
Enable Input. If EN is pulled low, IVCC1–IVCC7 and OVCC8 are in three-state, while OVL1–OVL7 and IVL8 have
6k
Ω pulldown resistors. Drive EN high (VL) for normal operation.
EN
(MAX3012)
Enable Input. If EN is pulled low, IVCC1–IVCC8 are in three-state, while OVL1–OVL8 have 6k
Ω pulldown
resistors. Drive EN high (VL) for normal operation.
IVL1–IVL8
Inputs Referenced to VL, Numbers 1 to 8
OVL1–OVL8
Outputs Referenced to VL, Numbers 1 to 8
IVCC1–IVCC8
Inputs Referenced to VCC, Numbers 1 to 8
OVCC1–OVCC8
Outputs Referenced to VCC, Numbers 1 to 8
MAX3004–MAX3012
Note 1: For specific pin numbers, see the Pin Configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com