Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6201
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6201 Datasheet HTML 2Page - Linear Technology LT6201 Datasheet HTML 3Page - Linear Technology LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC6253-7
6
62537f
For more information www.linear.com/LTC6253-7
ELECTRICAL CHARACTERISTICS (VS = 2.7V) The
l
denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tS, 0.1
Settling Time to 0.1%
AV = +7, 2V Output Step RL = 1k, VCC = 2.35V,
VEE = –0.35V
25
ns
SR
Slew Rate
AV = –6, 2V Output Step (Note 10)
300
V/µs
FPBW
Full Power Bandwidth
VOUT = 2VP-P (Note 12)
11
MHz
Crosstalk
AV = +7, RL = 1k to Half Supply,
VOUT = 2VP-P, f = 2.5MHz
–88
dB
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If any of
the input or shutdown pins goes 300mV beyond either supply or the
differential input voltage exceeds 1.4V the input current should be limited
to less than 10mA. This parameter is guaranteed to meet specified
performance through design and/or characterization. It is not production
tested.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output current is high. This
parameter is guaranteed to meet specified performance through design
and/or characterization. It is not production tested.
Note 4: The LTC6253-7I is guaranteed to meet specified performance
from –40°C to 85°C. The LTC6253-7H is guaranteed to meet specified
performance from –40°C to 125°C.
Note 5: Supply voltage range is guaranteed by power supply rejection
ratio test.
Note 6: The input bias current is the average of the average of the currents
at the positive and negative input pins.
Note 7: Matching parameters are the difference between the two amplifiers
on the LTC6253-7.
Note 8: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are with short traces
connected to the leads with minimal metal area.
Note 9: The output voltage is varied from 0.5V to 4.5V during
measurement.
Note 10: Middle 2/3 of the output waveform is observed. RL = 1k to half
supply.
Note 11: The output voltage is varied from 0.5V to 2.2V during
measurement.
Note 12: FPBW is determined from distortion performance in a gain of +7
configuration with HD2, HD3 < –40dBc as the criteria for a valid output.
TYPICAL PERFORMANCE CHARACTERISTICS
VOS vs Temperature, VS = 5V, 0V
(PNP Stage)
TEMPERATURE (°C)
300
0
100
–100
–400
200
–200
–300
–500
–600
–15
–35
62537 G05
5
25
65 85 105 125
–55
VS = 5V, 0V
VCM = 2.5V
6 DEVICES
45
VOS Distribution, VCM = VS/2
(MS, PNP Stage)
VOS Distribution, VCM = V+ – 0.5V
(NPN Stage)
INPUT OFFSET VOLTAGE (µV)
40
30
20
5
0
35
25
15
10
62537 G01
250
150
50
–50
–150
–250
VS = 5V, 0V
VCM = 2.5V
INPUT OFFSET VOLTAGE (µV)
16
12
8
2
14
10
6
4
0
–1200
400
–400
62537 G03
1200
2000
–2000
VS = 5V, 0V
VCM = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com