Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6201
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6201 Datasheet HTML 10Page - Linear Technology LT6201 Datasheet HTML 11Page - Linear Technology LT6201 Datasheet HTML 12Page - Linear Technology LT6201 Datasheet HTML 13Page - Linear Technology LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology LT6201 Datasheet HTML 17Page - Linear Technology LT6201 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LTC6253-7
16
62537f
For more information www.linear.com/LTC6253-7
TYPICAL APPLICATIONS
a load of 1k. Figure 7 shows the measured CMRR across
frequency. Figure 8 shows the transient response with a
1.6VP-P output step, with the input applied to the positive
input of the instrumentation amplifier, with the negative
input grounded.
Figure 7. Instrumentation Amplifier CMRR
Figure 8. Instrumentation Amplifier Transient Response
Figure 9. Low Gain Stage with Higher Noise Gain
Figure 10. Frequency Response, Low Gain Stage
Using the LTC6253-7
Figure 11. Transient Response, Sinusoidal Input
FREQUENCY (Hz)
10k
100k
1M
10M
100M 400M
0
10
20
30
40
50
60
70
80
90
100
62537 F07
0V
0V
OUTPUT
800mV/DIV
62537 F08
50ns/DIV
INPUT
20mV/DIV
Using a Gain-of-7 Stable Op Amp to Achieve Low
Closed Loop Gains
Many applications may demand higher slew rates and
bandwidths associated with decompensated op amps
like the LTC6253-7, but with lower closed loop gains. Any
circuit using the LTC6253-7 will be stable as long as the
noise gain (gain for any noise referred to the inputs of the
operational amplifier) is 7 or higher. Figure 9 shows how
such a circuit can be implemented. The overall signal gain
is 1 + RF/RG, however the noise gain is 1 + RF/(RG||RC).
Figure10showsthemeasuredfrequencyresponseofsuch
a circuit. The low frequency gain is 9.5dB (~3V/V) and is
achieved by making RF = 499Ω and RG = 249Ω. Resistor
RC is chosen to be 124Ω, leading to a noise gain of ap-
proximately 7V/V. The measured bandwidth of the circuit
is an impressive 147MHz. Figure 11 shows a 4VP-P output
at a frequency of 13MHz.
Note that for RG = ∞, RC = 82.5Ω, a closed loop gain of
+1 can be obtained, with a noise gain of 7V/V, and such a
circuit can be implemented with the LTC6253-7.
RF
RG
RC
VIN
62537 F09
VOUT
VS = ±2.5V
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–5
–3
–1
1
3
5
7
9
11
13
15
62537 F10
RL = 1k
62537 F11
20ns/DIV
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com