Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6201
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology LT6201 Datasheet HTML 11Page - Linear Technology LT6201 Datasheet HTML 12Page - Linear Technology LT6201 Datasheet HTML 13Page - Linear Technology LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC6253-7
11
62537f
For more information www.linear.com/LTC6253-7
FREQUENCY (MHz)
0.01
0.1
1
10
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
62537 G39
2ND, RL = 100Ω
3RD, RL = 100Ω
2ND, RL = 1k
3RD, RL = 1k
VS = ±1.35V
AV = 7, RF = 499
VOUT = 1VP-P
VIN
RL
RG
82.5Ω
RF
499Ω
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Response
Small Signal Response
Output Overdriven Recovery
0.1% Settling Time
vs Output Step
Distortion vs Frequency,
(Moderate Loading, AV = 7)
SHDN Pin Response Time
Maximum Undistorted Output
Signal vs Frequency
FREQUENCY (MHz)
0.01
0.1
1
10
100
0
1
2
3
4
5
VS = ±2.5V
AV = 7
RF = 499
RL = 1k
HD2, HD3 ≤ –40dBc
62537 G42
OUTPUT STEP (V)
–4
–3
–2
–1
0
1
2
3
4
25
30
35
40
45
62537 G43
VS = 4.5V, –0.5V
AV = 7
AV = 7,RF = 3kΩ, RG = 499Ω, RL = 1kΩ
HD3, VS = ±1.35V
VOUT = 2VP-P, VS = ±2.5V
VOUT = 1VP-P, VS = ±1.35V
HD3, VS = ±2.5V
HD2, VS = ±2.5V
HD2, VS = ±1.35V
FREQUENCY (MHz)
0.01
0.1
1
10
–130
–120
–110
–100
–90
–80
–70
–60
–50
62537 G49
VOUT
1V/DIV
AV = 7
VS = ±2.5V
RL = 1k
VIN = 280mV
VSHDN
2V/DIV
62537 G45
2µs/DIV
1V/DIV
AV = 7
VS = ±2.5V
TA = 25°C
RL = 1k
62537 G46
20ns/DIV
INPUT
10mV/DIV
0mV
OUTPUT
50mV/DIV
0mV
AV = 7
VS = ±2.5V
TA = 25°C
RL = 1k
62537 G47
5ns/DIV
VOUT
2V/DIV
AV = 7
VS = ±2.5V
TA = 25°C
VIN = 1VP-P
VIN
500mV/DIV
62537 G48
20ns/DIV
Distortion vs Frequency,
2.7V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com