Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2365
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC6253-7
7
62537f
For more information www.linear.com/LTC6253-7
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage
vs Input Common Mode Voltage
VOS vs Temperature,
VS = 2.7V, 0V (PNP Stage)
VOS vs Temperature,
VS = 2.7V, 0V (NPN Stage)
VOS vs Temperature, VS = 5V, 0V
(NPN Stage)
INPUT COMMON MODE VOLTAGE (V)
0
600
400
–200
0
–1600
200
–400
–600
–800
–1200
–1000
–1400
–1800
–2000
1.5
3.5
1
2.5
4.5
62537 G09
5
3
0.5
2
4
–55°C
VS = 5V, 0V
25°C
125°C
TEMPERATURE (°C)
2000
1000
1500
500
–1000
0
–500
–1500
–2000
–2500
–15
–35
62537 G06
5
25
65 85 105 125
–55
45
VS = 5V, 0V
VCM = 4.5V
6 DEVICES
TEMPERATURE (°C)
1200
1000
1100
800
900
700
600
500
400
–15
–35
62537 G07
5
25
65 85 105 125
–55
45
VS = 2.7V, 0V
VCM = 1.35V
6 DEVICES
TEMPERATURE (°C)
3200
2200
2700
1700
1200
700
200
–1300
–800
–300
–1800
–15
–35
62537 G08
5
25
65 85 105 125
–55
45
VS = 2.7V, 0V
VCM = 2.2V
6 DEVICES
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Input Bias Current
vs Common Mode Voltage
OUTPUT CURRENT (mA)
–100
3.0
1.5
0.5
–1.0
1.0
2.5
2.0
0
–0.5
–1.5
–2.0
–2.5
–3.0
–75
25
–25
75
62537 G10
100
0
–50
50
–55°C
25°C
125°C
VS = ±2.5V
TIME AFTER POWER–UP (s)
0 20 40 60 80 100 120 140 160 180 200
–20
–15
–10
–5
0
5
10
62357 G11
COMMON MODE VOLTAGE (V)
0
3000
2000
–3000
1000
0
–1000
–2000
–4000
–5000
1.5
3.5
1
2.5
4.5
62537 G12
5
3
0.5
2
4
–55°C
25°C
125°C
VS = 5V, 0V
Input Bias Current vs Temperature
0.1Hz to 10Hz Voltage Noise
TIME (1s/DIV)
0
2000
1500
1000
500
0
–1000
–500
–1500
–2000
1
7
3
9
62537 G14
10
4
5
6
2
8
TEMPERATURE (°C)
–55
3000
2000
0
2500
500
1500
1000
–500
35
5
–25
95
62537 G13
125
65
VS = 5V, 0V
VCM = 4.5V
VCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com