Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2365
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 4 Page - Linear Technology

  LTC2365 Datasheet HTML 1Page - Linear Technology LTC2365 Datasheet HTML 2Page - Linear Technology LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC6253-7
4
62537f
For more information www.linear.com/LTC6253-7
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BW
–3dB Closed Loop Bandwidth
AV = 7, RL = 1k to Half Supply
160
MHz
GBW
Gain-Bandwidth Product
f = 10MHz, RL = 1k to Half Supply
l
0.9
0.67
2
GHz
GHz
tS, 0.1%
Settling Time to 0.1%
AV = 7, 2V Output Step RL = 1k,
VCC = 4.5V, VEE = 0.5V
32
ns
SR
Slew Rate
AV = –6, 4V Output Step (Note 10)
l
300
250
500
V/µs
V/µs
FPBW
Full Power Bandwidth
VOUT = 4VP-P (Note 12)
13
MHz
HD2/HD3
Harmonic Distortion
RL = 1k to Half Supply, AV = +7,
RF = 499Ω
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 2VP-P
fC = 5MHz, VO = 2VP-P
99/94
73/71
60/56
dBc
dBc
dBc
RL = 1kΩ to Half Supply, AV = +7,
RF = 3kΩ
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 2VP-P
fC = 5MHz, VO = 2VP-P
105/109
82/87
66/67
dBc
dBc
dBc
Crosstalk
AV = 7, RL = 1k to Half Supply,
VOUT = 2VP-P, f = 2.5MHz
–79
dB
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT =
2.5V, unless otherwise noted.
(VS = 2.7V) The l denotes the specifications which apply across the specified temperature range, otherwise specifications are at
TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT = 1.35V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
l
0
–300
700
1250
1500
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–1.6
–2.0
0.9
3.2
3.4
mV
mV
DVOS
Input Offset Voltage Match
(Channel-to-Channel) (Note 8)
VCM = Half Supply
l
–350
–750
10
350
750
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–2.8
–4
0.1
2.8
4
mV
mV
VOS TC
Input Offset Voltage Drift
l
2.75
µV/°C
IB
Input Bias Current (Note 7)
VCM = Half Supply
l
–1000
–1500
–275
600
900
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
0.6
0
1.175
2.5
4.0
µA
µA
IOS
Input Offset Current
VCM = Half Supply
l
–500
–600
–150
500
600
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
–500
–600
–30
500
600
nA
nA
en
Input Noise Voltage Density
f = 1MHz
2.9
nV/√Hz
Input 1/f Noise Voltage
f = 0.1Hz to 10Hz
2
µVP-P
in
Input Noise Current Density
f = 1MHz
3.6
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
2.5
0.8
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
7.2
3
kΩ
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com