Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2365
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC6253-7
8
62537f
For more information www.linear.com/LTC6253-7
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current Per Amplifier
vs SHDN Pin Voltage
Input Noise Voltage and Noise
Current vs Frequency
Supply Current
vs Supply Voltage (Per Amplifier)
TOTAL SUPPLY VOLTAGE (V)
0
5.0
4.5
4.0
3.5
3.0
1.5
1.0
2.5
2.0
0.5
0
1
3
62537 G16
4
5
2
–55°C
25°C
125°C
FREQUENCY (Hz)
1
1000
100
10
1.0
0.1
10
1k
100M
10M
62537 G15
10k 100k 1M
100
in, VCM = 4.5V
in, VCM = 2.5V
en, VCM = 4.5V
en, VCM = 2.5V
Supply Current vs Input Common
Mode Voltage (Per Amplifier)
COMMON MODE VOLTAGE (V)
0.25
1.25
5
4
3
2
3.25
62537 G17
4.25 4.75
2.25
125°C
25°C
VS = 5V, 0V
AV = 1
–55°C
SHDN PIN VOLTAGE (V)
0
5.0
4.0
4.5
2.5
2.0
3.5
3.0
1.5
1.0
0.5
0
2.5
2
1.5
1
0.5
3.5
62537 G18
5
4 4.5
3
TA = 125°C
TA = 25°C
VS = 5V, 0V
VCM = 2.5V
TA = –55°C
Output Saturation Voltage
vs Load Current (Output Low)
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (mA)
62537 G22
10
1
0.1
0.01
0.01
10
100
1
0.1
TA = 125°C
TA = 25°C
VS = ±2.5V
TA = –55°C
LOAD CURRENT (mA)
62537 G23
10
1
0.1
0.01
0.01
10
100
1
0.1
TA = 125°C
VS = ±2.5V
TA = –55°C
TA = 25°C
SHDN Pin Current
vs SHDN Pin Voltage
Minimum Supply Voltage,
VCM = VS/2 (PNP Operation)
Minimum Supply Voltage,
VCM = V+ – 0.5V (NPN Operation)
SHDN PIN VOLTAGE (V)
0
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
–2.75
–2.50
–2.25
–3.00
2.5
2
1.5
1
0.5
3.5
62537 G19
5
4 4.5
3
TA = 125°C
TA = 25°C
VS = 5V, 0V
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
2
16
10
12
14
8
6
4
2
0
–2
2.5
3.5
62537 G20
5.5
125°C
25°C
–55°C
4
4.5
5
3
VS = 5V, 0V
TOTAL SUPPLY VOLTAGE (V)
2
16
10
12
14
8
6
4
2
0
–4
–2
2.5
3.5
62537 G21
5.5
125°C
–55°C
4
4.5
5
3
25°C
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com