Electronic Components Datasheet Search
  English  ▼

X  

SLTS092B Datasheet(PDF) 5 Page - Texas Instruments

Part # SLTS092B
Description  20-W 48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS092B Datasheet(HTML) 5 Page - Texas Instruments

  SLTS092B Datasheet HTML 1Page - Texas Instruments SLTS092B Datasheet HTML 2Page - Texas Instruments SLTS092B Datasheet HTML 3Page - Texas Instruments SLTS092B Datasheet HTML 4Page - Texas Instruments SLTS092B Datasheet HTML 5Page - Texas Instruments SLTS092B Datasheet HTML 6Page - Texas Instruments SLTS092B Datasheet HTML 7Page - Texas Instruments SLTS092B Datasheet HTML 8Page - Texas Instruments SLTS092B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the PT4120/
PT4140 Series of Isolated DC/DC Converters
The factory pre-set output voltage of Power Trends’
PT4120 and PT4140 series of isolated DC/DC converters
may be adjusted within ±10% of nominal. Adjustment is
made from the secondary side of the regulator1 with a
single external resistor. For the input voltage range
specified in the data sheet Table 1 gives the allowable
adjustment range for each model, as Vo (min) and Vo (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R2 between pin 6 (Vo adjust), and pin
4 (-Vout).
Adjust Down:
Add a resistor (R1), between pin 6 (Vo ad-
just) and pin 5 (+Vout).
Refer to Figure 1 and Table 2 for both the placement
and value of the required resistor, (R1) or R2.
Notes:
1. The PT4120 and PT4140 series of DC/DC converters
incorporate isolation between the Vin and Vo terminals.
Adjustment of the output voltage is made to the
regulation circuit on the secondary or output side of
the converter.
2. The maximum rated output power for this series is
20W. An increase in the output voltage may therefore
require a corresponding reduction in the maximum
output current (
see Table 1). The revised maximum
output current must be determined as follows:-
Io(max) =
20
A,
or 5A, whichever is less.
Va
Where Va is the adjusted ouput voltage.
3. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
Table 1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
48V Bus
PT4126
PT4129
PT4127
PT4128
PT4121
PT4122
PT4125
PT4123
PT4124
24V Bus
PT4146
PT4147
PT4148
PT4141
PT4142
PT4143
PT4144
Max Current 2
5A
5A
5A
5A
5A
4A
3.8A
1.6A
1.3A
Vo(nom)
1.5
1.65
1.8
2.5
3.3
5.0
5.2V
12.0
15.0
Va(min)
1.35
1.49
1.62
2.25
2.95
4.5
4.75
10.8
13.5
Va(max)
1.65
1.81
1.98
2.75
3.65
5.5
5.75
13.2
16.5
Vr
1.225
1.225
1.225
1.225
1.225
2.5
2.5
2.5
2.5
Ko (V·k
Ω
Ω
Ω
Ω
Ω)
67.07
63.9
69.7
64.2
69.3
125.2
134.7
139.8
137.6
Rs (k
Ω
Ω
Ω
Ω
Ω)
43.2
66.5
110.0
187.0
187.0
187.0
243.0
110.0
90.9
Figure 1
(R1)
Adj Down
R2
Adj
Up
+V
in
– V
in
+V
o
– V
o
PT4120/40
+V out
–V out
+V in
–Vin
Remote
On/Off
V
o(adj)
1
2
35
4
6
4. Never connect capacitors to Vo adjust. Any capacitance
added to the Vo adjust control pin will affect the stability of
the ISR.
The values of (R1) [adjust down], and R2 [adjust up], can also
be calculated using the following formulas.
(R1)
=
Ko (Va – Vr) – R
s
k
Ω
Vr (Vo – Va)
R2
=
Ko
– Rs
k
Ω
(Va – Vo)
Where Vo = Original output voltage
Va = Adjusted output voltage
Vr = Reference voltage (Table 1)
Ko = Multiplier constant (Table 1)
Rs = Internal series resistance (Table 1)
PT4120/4140 Series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com