Electronic Components Datasheet Search
  English  ▼

X  

SLTS092B Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS092B
Description  20-W 48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS092B Datasheet(HTML) 1 Page - Texas Instruments

  SLTS092B Datasheet HTML 1Page - Texas Instruments SLTS092B Datasheet HTML 2Page - Texas Instruments SLTS092B Datasheet HTML 3Page - Texas Instruments SLTS092B Datasheet HTML 4Page - Texas Instruments SLTS092B Datasheet HTML 5Page - Texas Instruments SLTS092B Datasheet HTML 6Page - Texas Instruments SLTS092B Datasheet HTML 7Page - Texas Instruments SLTS092B Datasheet HTML 8Page - Texas Instruments SLTS092B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
• Input Voltage Range:
36V to 75V
• 20W Rated
• 82% Efficiency
• 1500 VDC Isolation
• Low Profile (8.5 mm)
• Small Footprint: 1.52in x 1.73in
• Remote On/Off
PT4120 Series
20-W 48-V Input Isolated
DC/DC Converter
PT4120
LOAD
3
2
1
5
4
6
+V
OUT
–V
OUT
V
OAdj
+V
IN
–V
IN
Remote
On/Off
Q
1
BSS138
SLTS092B
(Revised 2/26/2002)
Ordering Information
PT4121
H =
3.3V/5A
(16.5W)
PT4122
H =
5.0V/4A
PT4123
H = 12.0V/1⋅6A
PT4124
H = 15.0V/1⋅3A
PT4125
H =
5.2V/3·8A
PT4126
H =
1.5V/5A
(7.5W)
PT4127
H =
1.8V/5A
(9W)
PT4128
H =
2.5V/5A
(12.5W)
PT4129
H =
1.65V/5A (8·25W)
Pin-Out Information
Pin
Function
1
Remote On/Off †
2–Vin
3+Vin
4
–Vout
5
+Vout
6Vout Adjust †
† For further information, see
application notes.
Description
The PT4120 power modules are a series
of isolated DC/DC converters housed a low-
profile package. Rated for 20 watts or 5A, the
series includes standard output voltages rang-
ing from as low as 1.5VDC to 15VDC. The
output may be adjusted ±10% of nominal.
These converters are ideal for Telecom,
Industrial, Computer, and other distributed
power applications that require input-to-
output isolation.
Using multiple PT4120 modules, system
designers can implement a complete custom
power supply solution. The flexibility of full
isolation also allows the input or output to be
configured for negative voltage operation.
The PT4120 series requires no additional
components for proper operation.
• Short Circuit Protection
• Over Temperature Shutdown
• Under-Voltage Lockout
• UL1950 Recognized
• CSA 22.2 950 Certified
• EN60950 Approved
• 4×106 Hrs MTBF
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Horizontal
A
(EGD)
SMD
C
(EGE)
* Previously known as package style 710.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - SLTS092B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS091B TI-SLTS091B Datasheet
446Kb / 14P
Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
SLTS096B TI-SLTS096B Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
SLTS098 TI1-SLTS098 Datasheet
161Kb / 7P
Single Device: 5A Output
More results

Similar Description - SLTS092B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
30-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4400 TI-PT4400 Datasheet
218Kb / 10P
75-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4562C TI-PT4562C Datasheet
436Kb / 12P
30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
30-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com