Electronic Components Datasheet Search
  English  ▼

X  

SLTS092B Datasheet(PDF) 6 Page - Texas Instruments

Part # SLTS092B
Description  20-W 48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS092B Datasheet(HTML) 6 Page - Texas Instruments

  SLTS092B Datasheet HTML 1Page - Texas Instruments SLTS092B Datasheet HTML 2Page - Texas Instruments SLTS092B Datasheet HTML 3Page - Texas Instruments SLTS092B Datasheet HTML 4Page - Texas Instruments SLTS092B Datasheet HTML 5Page - Texas Instruments SLTS092B Datasheet HTML 6Page - Texas Instruments SLTS092B Datasheet HTML 7Page - Texas Instruments SLTS092B Datasheet HTML 8Page - Texas Instruments SLTS092B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT4122
PT4142
5.0Vdc
Va(req’d)
4.5
(12.6)k
Ω
4.55
(40.3)k
Ω
4.6
(75.0)k
Ω
4.65
(120.0)k
Ω
4.7
(179.0)k
Ω
4.75
(262.0)k
Ω
4.8
(387.0)k
Ω
4.85
(595.0)k
Ω
4.9
(1.01)M
Ω
4.95
5.0
5.05
5.1
1.06M
Ω
5.15
645.0k
Ω
5.2
437.0k
Ω
5.25
312.0k
Ω
5.3
229.0k
Ω
5.35
169.0k
Ω
5.4
125.0k
Ω
5.45
90.2k
Ω
5.5
62.4k
Ω
48V Bus
PT4126
PT4127
PT4128
PT4121
24V Bus
PT4146
PT4147
PT4148
PT4141
Vo(nom)
1.5Vdc
1.8Vdc
2.5Vdc
3.3Vdc
Va(req’d)
1.35
(2.8)k
Ω
1.4
(53.2)k
Ω
1.45
(204.0)k
Ω
1.5
1.55
1.3M
Ω
1.6
627.0k
Ω
1.65
404.0k
Ω
(51.7)k
Ω
1.7
(161.0)k
Ω
1.75
(489.0)k
Ω
1.8
1.85
1.28M
Ω
1.9
587.0k
Ω
1.95
355.0k
Ω
2.25
(26.5)k
Ω
2.3
(92.9)k
Ω
2.35
(203.0)k
Ω
2.4
(425.0)k
Ω
2.45
(1.09)M
Ω
2.5
2.55
1.09M
Ω
2.6
450.0k
Ω
2.65
237.0k
Ω
2.7
131.0k
Ω
2.75
67.7k
Ω
2.95
(90.7)k
Ω
3.0
(146.0)k
Ω
3.05
(224.0)k
Ω
3.1
(341.0)k
Ω
3.15
(536.0)k
Ω
3.2
(926.0)k
Ω
3.25
(2.09)M
Ω
3.3
3.35
1.19M
Ω
3.4
502.0k
Ω
3.45
272.0k
Ω
3.5
158.0k
Ω
3.55
88.7k
Ω
3.6
42.7k
Ω
3.65
9.9k
Ω
Table 2
DC/DC CONVERTER SERIES ADJUSTMENT RESISTOR VALUES
Series Pt #
R1 = (Blue)
R2 = Black
PT4123
PT4124
PT4143
PT4144
12.0Vdc
15.0Vdc
Va(req’d)
10.8
(276.0)k
Ω
11.0
(365.0)k
Ω
11.2
(497.0)k
Ω
11.4
(719.0)k
Ω
11.6
(1.16)M
Ω
11.8
12.0
12.2
588.0k
Ω
12.4
239.0k
Ω
12.6
123.0k
Ω
12.8
64.6k
Ω
13.0
29.7k
Ω
13.2
6.4k
Ω
13.5
(312.0)k
Ω
13.6
(345.0)k
Ω
13.8
(427.0)k
Ω
14.0
(542.0)k
Ω
14.2
(713.0)k
Ω
14.4
(1.0)M
Ω
14.6
(1.57)M
Ω
14.8
15.0
15.2
597.0k
Ω
15.4
253.0k
Ω
15.6
138.0k
Ω
15.8
81.0k
Ω
16.0
46.6k
Ω
16.5
0.8k
Ω
PT4120/4140 Series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com