Electronic Components Datasheet Search
  English  ▼

X  

LA-543B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LA-543B
Description  colorless, clear 5 mm (T1 쩐) package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-543B Datasheet(HTML) 1 Page - OSRAM GmbH

  LA-543B Datasheet HTML 1Page - OSRAM GmbH LA-543B Datasheet HTML 2Page - OSRAM GmbH LA-543B Datasheet HTML 3Page - OSRAM GmbH LA-543B Datasheet HTML 4Page - OSRAM GmbH LA-543B Datasheet HTML 5Page - OSRAM GmbH LA-543B Datasheet HTML 6Page - OSRAM GmbH LA-543B Datasheet HTML 7Page - OSRAM GmbH LA-543B Datasheet HTML 8Page - OSRAM GmbH LA-543B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LA 543B, LO 543B, LY 543B
Hyper 5 mm (T1 ¾) LED, Non Diffused
Enhanced optical Power LED (HOP2000)
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten für OS-PCN-2004-005-A /
Preliminary Data for OS-PCN-2004-005-A
2005-03-02
1
Besondere Merkmale
• Gehäusetyp: nicht eingefärbtes, klares
5 mm (T1 ¾) Gehäuse
• Besonderheit des Bauteils: enge
Abstrahlcharakteristik für große Lichtstärken
• Wellenlänge: 617 nm (amber),
606 nm (orange), 587 nm (yellow)
• Abstrahlwinkel: 26°
• Technologie: InGaAlP
• optischer Wirkungsgrad: 24 lm/W
• Gruppierungsparameter: Partial Flux,
Wellenlänge
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• VMS (Variable Verkehrsleitsysteme)
• Ampelanwendungen
• Innenbeleuchtung im Automobilbereich
(z.B. Tastenbeleuchtung, u. ä.)
• Ersatz von Kleinst-Glühlampen
Features
• package: colorless, clear
5 mm (T1 ¾) package
• feature of the device: narrow viewing angle for
more brightness
• wavelength: 617 nm (amber),
606 nm (orange), 587 nm (yellow)
• viewing angle: 26°
• technology: InGaAlP
• optical efficiency: 24 lm/W
• grouping parameter: Partial Flux, wavelength
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• VMS (variable message signs)
• traffic lights
• interior automotive lighting (e.g. key
backlighting, etc.)
• substitution of micro incandescent lamps


Similar Part No. - LA-543B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA-5-100 ETC2-LA-5-100 Datasheet
117Kb / 1P
TYPE LA 5 through 150 Amperes
LA-5-100 ETC2-LA-5-100 Datasheet
117Kb / 1P
DC Ammeter Shunts
LA-5-50 ETC2-LA-5-50 Datasheet
117Kb / 1P
TYPE LA 5 through 150 Amperes
LA-5-50 ETC2-LA-5-50 Datasheet
117Kb / 1P
DC Ammeter Shunts
LA-50-100 ETC2-LA-50-100 Datasheet
117Kb / 1P
TYPE LA 5 through 150 Amperes
More results

Similar Description - LA-543B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
colorless, clear 5 mm package
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
colorless, clear 5 mm package
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
colorless, clear 5 mm package
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
colorless, clear 5 mm package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
colorless, clear 5 mm (T1 쩐) package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
colorless, clear 5 mm (T1쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com