Electronic Components Datasheet Search
  English  ▼

X  

HMC903 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC903
Description  Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC903 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC903 Datasheet HTML 2Page - Analog Devices HMC903 Datasheet HTML 3Page - Analog Devices HMC903 Datasheet HTML 4Page - Analog Devices HMC903 Datasheet HTML 5Page - Analog Devices HMC903 Datasheet HTML 6Page - Analog Devices HMC903 Datasheet HTML 7Page - Analog Devices HMC903 Datasheet HTML 8Page - Analog Devices HMC903 Datasheet HTML 9Page - Analog Devices HMC903 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HMC903
Data Sheet
Rev. C | Page 6 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
25
15
–5
5
–15
–25
3
21
19
17
15
13
11
9
7
5
FREQUENCY (GHz)
S11
S21
S22
Figure 8. Broadband Gain and Return Loss vs. Frequency
0
–5
–10
–15
–20
–30
–25
6
18
16
14
12
10
8
FREQUENCY (GHz)
–55°C
+25°C
+85°C
Figure 9. Input Return Loss vs. Frequency at Various Temperatures
6
4
5
3
2
1
0
6
18
16
14
12
10
8
FREQUENCY (GHz)
–55°C
+25°C
+85°C
Figure 10. Noise Figure vs. Frequency at Various Temperatures
25
23
19
21
17
15
6
8
10
12
14
16
18
FREQUENCY (GHz)
–55°C
+25°C
+85°C
Figure 11. Gain vs. Frequency at Various Temperature
0
–5
–10
–15
–20
–30
–25
6
18
16
14
12
10
8
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 12. Output Return Loss vs. Frequency at Various Temperatures
35
25
30
20
15
10
5
6
18
16
14
12
10
8
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 13. Output IP3 vs. Frequency as Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com