Electronic Components Datasheet Search
  English  ▼

X  

HMC903 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC903
Description  Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC903 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC903 Datasheet HTML 5Page - Analog Devices HMC903 Datasheet HTML 6Page - Analog Devices HMC903 Datasheet HTML 7Page - Analog Devices HMC903 Datasheet HTML 8Page - Analog Devices HMC903 Datasheet HTML 9Page - Analog Devices HMC903 Datasheet HTML 10Page - Analog Devices HMC903 Datasheet HTML 11Page - Analog Devices HMC903 Datasheet HTML 12Page - Analog Devices HMC903 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
HMC903
Rev. C | Page 9 of 13
APPLICATIONS INFORMATION
Figure 25 shows the basic connections for operating the HMC903
in self biased operation. Both the RFIN and the RFOUT ports
have on-chip dc block capacitors, eliminating the need for
external ac coupling capacitors.
The HMC903 has VGG1 and VGG2 optional gate bias pads. When
these pads are left open, the amplifier runs in self biased operation
with typical IDQ = 90 mA when VDD = 3.5 V. When using the
optional VGG1 and VGG2 gate bias pads, use the recommended
bias sequencing to prevent damage to the amplifier.
The recommended bias sequence during power-up is as follows:
1. Connect to GND.
2. Set VGG1 and VGG2 to −2 V.
3. Set VDD1 and VDD2 to +3.5 V.
4. Increase VGG1 and VGG2 to achieve a typical IDQ = 90 mA.
5. Apply the RF signal.
The recommended bias sequence during power-down is as follows:
1. Turn off the RF signal.
2. Decrease VGG1 and VGG2 to −2 V to achieve a typical IDQ =
0 mA.
3. Decrease VDD1 and VDD2 to 0 V.
4. Increase VGG1 and VGG2 to 0 V.
The bias conditions previously listed (VDD1 and VDD2 = 3.5 V
and IDQ = 90 mA) are the recommended operating points to
achieve optimum performance. The data used in this data sheet
is taken with the recommended bias conditions listed in the
Electrical Specifications section. If the HMC903 is used with
different bias conditions than what is recommended, a different
performance than what is shown in the Typical Performance
Characteristics section can result. Decreasing the VDD level has
a negligible effect on gain and NF performance, but reduces
P1dB. This behavior is shown in Figure 18. For applications
where the P1dB requirement is not stringent, the HMC903 can
be down biased to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com