Electronic Components Datasheet Search
  English  ▼

X  

HMC903 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC903
Description  Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC903 Datasheet(HTML) 3 Page - Analog Devices

  HMC903 Datasheet HTML 1Page - Analog Devices HMC903 Datasheet HTML 2Page - Analog Devices HMC903 Datasheet HTML 3Page - Analog Devices HMC903 Datasheet HTML 4Page - Analog Devices HMC903 Datasheet HTML 5Page - Analog Devices HMC903 Datasheet HTML 6Page - Analog Devices HMC903 Datasheet HTML 7Page - Analog Devices HMC903 Datasheet HTML 8Page - Analog Devices HMC903 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
HMC903
Rev. C | Page 3 of 13
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, VDD1 = VDD2 = 3.5 V, IDQ = 90 mA. VGG1 = VGG2 = open for normal, self biased operation.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
18
GHz
GAIN
17
19
dB
Gain Variation over Temperature
0.013
dB/°C
RETURN LOSS
Input
11
dB
Output
13
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
16
dBm
Saturated Output Power
PSAT
18
dBm
Output Third-Order Intercept
IP3
27
dBm
NOISE FIGURE
NF
1.6
2.1
dB
SUPPLY CURRENT
IDQ
90
mA
VDD = 3.5 V, VGG1 = VGG2 = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com