Electronic Components Datasheet Search
  English  ▼

X  

HCBC557 Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCBC557
Description  GENERAL PURPOSE TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCBC557 Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCBC557 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HCBC556/HCBC557/HCBC558(PNP)
GENERAL PURPOSE TRANSISTOR
Typical
Characteristics
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
3 / 6
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
–0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–0.6
–0.7
–0.8
–0.9
–1.0
–0.5
0
–0.2
–0.4
–0.1
–0.3
1.6
1.2
2.0
2.8
2.4
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
1.5
1.0
0.7
0.5
0.3
–0.2
–10
–100
–1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE = –10 V
TA = 25°C
–55
°C to +125°C
IC = –100 mA
IC = –20 mA
–0.5 –1.0
–2.0
–5.0 –10
–20
–50
–100 –200
–0.1 –0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC = –200 mA
IC = –50 mA
IC =
–10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
–0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
–0.5
TA = 25°C
Cob
Cib
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
150
–1.0
–2.0 –3.0
–5.0
–10
–20
–30
–50
VCE = –10 V
TA = 25°C
TA = 25°C
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com