Electronic Components Datasheet Search
  English  ▼

X  

HCBC557 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCBC557
Description  GENERAL PURPOSE TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCBC557 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCBC557 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HCBC556/HCBC557/HCBC558(PNP)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : BC556/BC557/BC558
FEATURES
 Low current
 High Voltage
 Complement to HCBC546,HCBC547,HCBC548
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
BC546
VCBO
-80
V
BC547
-50
BC548
-30
Collector-Emitter Voltage
BC546
VCEO
-65
V
BC547
-45
BC548
-30
Emitter-Base Voltage
BC546
VEBO
-5
V
BC547
-5
V
BC548
-5
V
Collector Current-Continuous
IC
-0.1
A
Collector Power Dissipation
PC
625
mW
Thermal Resistance from Junction to Ambient
RθJA
200
℃/W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~+150
℃
TO-92
1: COLLECTOR
2: BASE
3: EMITTER
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 6


Similar Part No. - HCBC557

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCBC546 HOTTECH-HCBC546 Datasheet
411Kb / 5P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCBC557

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com