Electronic Components Datasheet Search
  English  ▼

X  

HCBC557 Datasheet(PDF) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCBC557
Description  GENERAL PURPOSE TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCBC557 Datasheet(HTML) 4 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCBC557 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCBC557 Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HCBC556/HCBC557/HCBC558(PNP)
GENERAL PURPOSE TRANSISTOR
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
4 / 6
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
–0.8
–1.0
–0.6
–0.2
–0.4
1.0
2.0
–0.1
–1.0
–10
–200
–0.2
0.2
0.5
–0.2
–1.0
–10
–200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = –5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–1.0
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
–0.2
–2.0
–10
–200
–1.0
TJ = 25°C
IC =
–10 mA
VCE = –5.0 V
TA = 25°C
0
–0.5
–2.0
–5.0
–20
–50
–100
–0.05
–0.2
–0.5
–2.0
–5.0
–100 mA
–20 mA
–1.4
–1.8
–2.2
–2.6
–3.0
–0.5
–5.0
–20
–50
–100
–55
°C to 125°C
θVB for VBE
–2.0 –5.0
–20
–50 –100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–0.1 –0.2
–1.0
–50
2.0
–2.0
–10
–100
100
200
500
50
20
20
10
6.0
4.0
–1.0
–10
–100
VCE = –5.0 V
–0.5
–5.0
–20
TJ = 25°C
Cob
Cib
8.0
–50 mA
–200 mA
BC556/BC557/BC558 Typical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com