Electronic Components Datasheet Search
  English  ▼

X  

MP8869WGL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8869WGL
Description  High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8869WGL Datasheet HTML 1Page - Monolithic Power Systems MP8869WGL Datasheet HTML 2Page - Monolithic Power Systems MP8869WGL Datasheet HTML 3Page - Monolithic Power Systems MP8869WGL Datasheet HTML 4Page - Monolithic Power Systems MP8869WGL Datasheet HTML 5Page - Monolithic Power Systems MP8869WGL Datasheet HTML 6Page - Monolithic Power Systems MP8869WGL Datasheet HTML 7Page - Monolithic Power Systems MP8869WGL Datasheet HTML 8Page - Monolithic Power Systems MP8869WGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EV8869W-L-00A – 12A HIGH EFFICIENCY SYNC. STEP DOWN SWITCHER WITH I2C
EV8869W-L-00A Rev. 1.0
www.MonolithicPower.com
3
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 1V, L = 1.5µH, FS = 500kHz, Auto PFM/PWM mode, TA = 25°C, unless otherwise
noted.
Disabled Supply Current
vs. Input Voltage
VIN UVLO Rising vs.
Temperature
Reference Voltage
vs. Temperature
Line Regulation vs.
Input Voltage
VOUT=1V
EN Rising Threshold
vs. Temperature
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Enabled Supply Current
vs. Input Voltage
100
150
200
250
300
350
400
450
500
0
1
2
3
4
5
6
7
8
-40-25-10 5 20 35 50 65 80 95110125
1.195
1.2
1.205
1.21
1.215
1.22
1.225
592
594
596
598
600
602
604
606
608
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.01
0.1
1
10
100
OUTPUT CURRENT (A)
-40-25-10 5 20 35 50 65 80 95110125
-40-25-10 5 20 35 50 65 80 95110125
3
6
9
121518
VIN=4.5V
VIN=12V
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
60
64
68
72
76
80
84
88
92
96
100
VIN=18V
0.01
0.1
1
10
100
VIN=4.5V
VIN=12V
60
64
68
72
76
80
84
88
92
96
100
VIN=18V
0.01
0.1
1
10
100
60
64
68
72
76
80
84
88
92
96
100
VIN=4.5V
VIN=12V
VIN=18V
3456789 101112131415161718
3456789 101112131415161718
2.805
2.81
2.815
2.82
2.825
2.83
2.835
2.84
2.845
2.85
2.855
IOUT=0A
IOUT=6A
IOUT=12A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com