Electronic Components Datasheet Search
  English  ▼

X  

MP8869WGL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8869WGL
Description  High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 4Page - Monolithic Power Systems MP8869WGL Datasheet HTML 5Page - Monolithic Power Systems MP8869WGL Datasheet HTML 6Page - Monolithic Power Systems MP8869WGL Datasheet HTML 7Page - Monolithic Power Systems MP8869WGL Datasheet HTML 8Page - Monolithic Power Systems MP8869WGL Datasheet HTML 9Page - Monolithic Power Systems MP8869WGL Datasheet HTML 10Page - Monolithic Power Systems MP8869WGL Datasheet HTML 11Page - Monolithic Power Systems MP8869WGL Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EV8869W-L-00A – 12A HIGH EFFICIENCY SYNC. STEP DOWN SWITCHER WITH I2C
EV8869W-L-00A Rev. 1.0
www.MonolithicPower.com
11
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYER
Figure 1: Top Silk Layer
Figure 2: Top Layer
Figure 3: Inner 1 Layer
Figure 4: Inner 2 Layer
Figure 5: Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com