Electronic Components Datasheet Search
  English  ▼

X  

MP8869WGL Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8869WGL
Description  High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 4Page - Monolithic Power Systems MP8869WGL Datasheet HTML 5Page - Monolithic Power Systems MP8869WGL Datasheet HTML 6Page - Monolithic Power Systems MP8869WGL Datasheet HTML 7Page - Monolithic Power Systems MP8869WGL Datasheet HTML 8Page - Monolithic Power Systems MP8869WGL Datasheet HTML 9Page - Monolithic Power Systems MP8869WGL Datasheet HTML 10Page - Monolithic Power Systems MP8869WGL Datasheet HTML 11Page - Monolithic Power Systems MP8869WGL Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
EV8869W-L-00A – 12A HIGH EFFICIENCY SYNC. STEP DOWN SWITCHER WITH I2C
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV8869W-L-00A Rev. 1.0
www.MonolithicPower.com
12
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
2. Preset the power supply output between 3V and 18V, and then turn off the power supply.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on. The board will automatically start up.
5. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 1.5V to turn
on the regulator, or less than 1.0V to turn it off.
6. To program I2C function, connect SCL, SDA and GND to I2C start kit board. Connect I2C start kit
board to computer and run MP8869W GUI software to program MP8869W I2C register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com