Electronic Components Datasheet Search
  English  ▼

X  

HA5023 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA5023
Description  Dual 125MHz Video CurrentFeedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5023 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA5023 Datasheet HTML 1Page - Renesas Technology Corp HA5023 Datasheet HTML 2Page - Renesas Technology Corp HA5023 Datasheet HTML 3Page - Renesas Technology Corp HA5023 Datasheet HTML 4Page - Renesas Technology Corp HA5023 Datasheet HTML 5Page - Renesas Technology Corp HA5023 Datasheet HTML 6Page - Renesas Technology Corp HA5023 Datasheet HTML 7Page - Renesas Technology Corp HA5023 Datasheet HTML 8Page - Renesas Technology Corp HA5023 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN3393 Rev 9.00
Page 1 of 17
September 30, 2015
FN3393
Rev 9.00
September 30, 2015
HA5023
Dual 125MHz Video CurrentFeedback Amplifier
DATASHEET
The HA5023 is a wide bandwidth high slew rate dual
amplifier optimized for video applications and gains between
1 and 10. It is a current feedback amplifier and thus yields
less bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
cables, make this
amplifier ideal for demanding video applications.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor. By reducing RF, the bandwidth can be
increased to compensate for decreases at higher closed
loop gains or heavy output loads.
The performance of the HA5023 is very similar to the
popular Intersil HA-5020
.
Features
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
s
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800
V
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03°
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
5V Supplies
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
• Video Switching and Routing
Pinout
HA5023
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HA5023IPZ
(Note) (No
longer
available,
recommended
replacement:
HA5023IBZ)
HA5023IPZ
-40 to 85 8 Ld PDIP*
(Pb-free)
E8.3
HA5023IBZ
(Note)
5023IBZ
-40 to 85 8 Ld SOIC
(Pb-free)
M8.15
HA5023IBZ96
(Note)
5023IBZ
-40 to 85 8 Ld SOIC
Tape and Reel
(Pb-free)
M8.15
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
OUT1
-IN1
+IN1
V-
1
2
3
4
8
7
6
5
V+
OUT2
-IN2
+IN2
+
-
+
-


Similar Part No. - HA5023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5023 INTERSIL-HA5023 Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023/883 INTERSIL-HA5023/883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
More results

Similar Description - HA5023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013 INTERSIL-HA5013 Datasheet
175Kb / 14P
Triple, 125MHz Video Amplifier
September 1998
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5013 INTERSIL-HA5013_04 Datasheet
372Kb / 14P
Triple, 125MHz Video Amplifier
November 2004
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5024 RENESAS-HA5024 Datasheet
827Kb / 17P
Quad 125MHz Video CurrentFeedback Amplifier with Disable
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com