Electronic Components Datasheet Search
  English  ▼

X  

HA5023 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HA5023
Description  Dual 125MHz Video CurrentFeedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5023 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HA5023 Datasheet HTML 9Page - Renesas Technology Corp HA5023 Datasheet HTML 10Page - Renesas Technology Corp HA5023 Datasheet HTML 11Page - Renesas Technology Corp HA5023 Datasheet HTML 12Page - Renesas Technology Corp HA5023 Datasheet HTML 13Page - Renesas Technology Corp HA5023 Datasheet HTML 14Page - Renesas Technology Corp HA5023 Datasheet HTML 15Page - Renesas Technology Corp HA5023 Datasheet HTML 16Page - Renesas Technology Corp HA5023 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
FN3393 Rev 9.00
Page 15 of 17
September 30, 2015
HA5023
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1998-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision
.
DATE
REVISION
CHANGE
September 30, 2015
FN3393.9
- Updated Ordering Information Table on page 1.
- Added Revision History.
- Added About Intersil Verbiage.
- Updated POD M8.15 to latest revision changes are as follow:
-Revision 1 to Revision 2 Changes:
Updated to new POD format by removing table and moving dimensions onto drawing and adding land
pattern
-Revision 2 to Revision 3 Changes:
Changed in Typical Recommended Land Pattern the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
-Revision 3 to Revision 4 Changes:
Changed Note 1 "1982" to "1994"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com