Electronic Components Datasheet Search
  English  ▼

X  

MP1924 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1924
Description  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1924 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1924 Datasheet HTML 1Page - Monolithic Power Systems MP1924 Datasheet HTML 2Page - Monolithic Power Systems MP1924 Datasheet HTML 3Page - Monolithic Power Systems MP1924 Datasheet HTML 4Page - Monolithic Power Systems MP1924 Datasheet HTML 5Page - Monolithic Power Systems MP1924 Datasheet HTML 6Page - Monolithic Power Systems MP1924 Datasheet HTML 7Page - Monolithic Power Systems MP1924 Datasheet HTML 8Page - Monolithic Power Systems MP1924 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP1924―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1924 Rev. 1.0
www.MonolithicPower.com
2
1/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP1924HR*
QFN-10 (4x4mm)
See Below
MP1924HS**
SOIC-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MP1924HR–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP1924HR–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP1924HS–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP1924HS–LF–Z)
TOP MARKING (MP1924HR)
MPS: MPS prefix;
Y: year code;
WW: week code;
MP1924: product code of MP1924HR;
LLLLLLL: lot number;
TOP MARKING (MP1924HS)
MP1924: product code of MP1924HS;
LLLLLLLL: lot number;
MPS: MPS prefix;
Y: year code;
WW: week code;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com