Electronic Components Datasheet Search
  English  ▼

X  

MP1924 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1924
Description  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1924 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1924 Datasheet HTML 7Page - Monolithic Power Systems MP1924 Datasheet HTML 8Page - Monolithic Power Systems MP1924 Datasheet HTML 9Page - Monolithic Power Systems MP1924 Datasheet HTML 10Page - Monolithic Power Systems MP1924 Datasheet HTML 11Page - Monolithic Power Systems MP1924 Datasheet HTML 12Page - Monolithic Power Systems MP1924 Datasheet HTML 13Page - Monolithic Power Systems MP1924 Datasheet HTML 14Page - Monolithic Power Systems MP1924 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP1924―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1924 Rev. 1.0
www.MonolithicPower.com
13
1/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Active-Clamp Forward Converter
In active-clamp forward converter topology, the
MP1924 drives the MOSFETs with alternating
signals. The high-side MOSFET, in conjunction
with Creset, is used to reset the power transformer
in a lossless manner.
This topology lends itself well to run at duty
cycles exceeding 50%. The device may not be
able to run at 100V under this topology.
Input Voltage
DRVL
DRVL
INL
INH
Creset
VDD
VDD
BST
DRVH
SW
INH
INL
VSS
DRVL
9V - 16V
Secondary
Circuit
Figure 6 Active-Clamp Forward Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com