Electronic Components Datasheet Search
  English  ▼

X  

MP1924 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1924
Description  100V, 4A, High Frequency Half-Bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1924 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1924 Datasheet HTML 7Page - Monolithic Power Systems MP1924 Datasheet HTML 8Page - Monolithic Power Systems MP1924 Datasheet HTML 9Page - Monolithic Power Systems MP1924 Datasheet HTML 10Page - Monolithic Power Systems MP1924 Datasheet HTML 11Page - Monolithic Power Systems MP1924 Datasheet HTML 12Page - Monolithic Power Systems MP1924 Datasheet HTML 13Page - Monolithic Power Systems MP1924 Datasheet HTML 14Page - Monolithic Power Systems MP1924 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP1924―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1924 Rev. 1.0
www.MonolithicPower.com
12
1/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
REFERENCE DESIGN CIRCUITS
Half Bridge Converter
The
MP1924
drives
the
MOSFETS
with
alternating signals (with dead time) in half-bridge
converter topology. Therefore, from the PWM
controller drives INH and INL with alternating
signals the input voltage can go up to 100V.
Input Voltage
Up to 100V
DRVL
DRVL
INL
INH
VDD
VDD
BST
DRVH
SW
INH
INL
VSS
DRVL
9V - 16V
Secondary
Circuit
Figure 4: Half Bridge Converter
Two-Switch Forward Converter
In two-switch forward converter topology, both
MOSFETs are turned on and off simultaneously.
The input signal (INH and INL) comes from a
PWM controller that senses the output voltage
(and output current during current-mode control).
The Schottky diodes clamp the reverse swing of
the power transformer and must be rated for the
input voltage. The input voltage can go up to
100V.
INH
INL
DRVL
INH
INL
VSS
DRVL
VDD
BST
DRVH
SW
DRVL
Secondary
Circuit
VDD
Input Voltage
Up to 100V
9V - 16V
Figure 5: Two-Switch Forward Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com