| Electronic Components Datasheet Search |
|
TLE8250GVIO Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250GVIO Datasheet(HTML) 6 Page - Infineon Technologies AG |
|
6 / 26 page ![]() Data Sheet 6 Rev. 1.11 2016-12-29 TLE8250GVIO High Speed CAN-Transceiver Functional Description 4 Functional Description CAN is a serial bus system that connects microcontrollers, sensor and actuators for real-time control applications. The usage of the Control Area Network (abbreviated CAN) within road vehicles is described by the international standard ISO 11898. According to the 7 layer OSI reference model the physical layer of a CAN bus system specifies the data transmission from one CAN node to all other available CAN nodes inside the network. The physical layer specification of a CAN bus system includes all electrical and mechanical specifications of a CAN network. The CAN transceiver is part of the physical layer specification. Several different physical layer standards of CAN networks have been developed over the last years. The TLE8250GVIO is a High Speed CAN transceiver without any dedicated Wake-Up function. High Speed CAN Transceivers without Wake-Up function are defined by the international standard ISO 11898-2. 4.1 High Speed CAN Physical Layer Figure 3 High Speed CAN Bus Signals and Logic Signals VCC CAN_H CAN_L TxD VIO = Logic Power Supply VCC = CAN Power Supply TxD = Input from the Microcontroller RxD = Output to the Microcontroller CANH = Voltage on the CANH Input/Output CANL = Voltage on the CANL Input/Output VDIFF = Differential Voltage between CANH and CANL VDIFF = VCANH – VCANL RxD VDIFF Dominant Recessive VIO VIO t t t t VDIFF = ISO Level Dominant VDIFF = ISO Level Recessive |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |