Electronic Components Datasheet Search
  English  ▼

X  

TLE8250GVIO Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 12Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
9
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Functional Description
To enter the Normal Operation mode set the pin NEN to logical “Low” (see Table 2 or Figure 4). The NEN pin
has an internal pull-up resistors to the power-supply VIO.
4.4
Stand-By Mode
Stand-By mode is an idle mode of the TLE8250GVIO with optimized power consumption. In Stand-By mode
the TLE8250GVIO can not send or receive any data. The output driver stage and the normal receiver unit are
disabled. Both CAN bus pins, CANH and CANL are floating.
•The output driver stage is disabled.
• The receiver unit is disabled.
• The bus basing is floating.
• The under-voltage monitoring on the power supply VCC and on the power supply VIO is active.
To enter the Stand-By mode set the pin NEN to logical “High” (see Table 2 or Figure 4). The NEN pin has an
internal pull-up resistor to the power-supply VIO. In case the Stand-By mode will not be used in the application,
the NEN pin needs to get connected to GND.
4.5
Power Down
Power Down mode means the TLE8250GVIO is not supplied. In Power Down the differential input resistors of
the receiver stage are switched off. The CANH and CANL bus interface of the TLE8250GVIO acts as an high
impedance input with a very small leakage current. The high ohmic input doesn’t influence the “Recessive”
level of the CAN network and allows an optimized EME performance of the whole CAN network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com