Electronic Components Datasheet Search
  English  ▼

X  

TLE8250GVIO Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE8250GVIO Datasheet HTML 1Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 2Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 3Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Data Sheet
2
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Overview
As a successor to the first generation of HS CAN transceivers, the TLE8250GVIO is fully pin and function
compatible to his predecessor model, the TLE6250GV33. The TLE8250GVIO is optimized to provide an
excellent passive behavior in Power Down mode. This feature makes the TLE8250GVIO extremely suitable for
mixed supply CAN networks.
Based on the Infineon Smart Power Technology SPT, the TLE8250GVIO provides industry leading ESD
robustness together with a very high electromagnetic immunity (EMI). The Infineon Smart Power Technology
SPT allows bipolar and CMOS control circuitry in accordance with DMOS power devices to exist on the same
monolithic circuit. The TLE8250GVIO and the Infineon SPT technology are AEC qualified and tailored to
withstand the harsh conditions of the Automotive Environment.
Two different operation modes, additional Fail Safe features like a TxD time-out and the optimized output
slew rates on the CANH and CANL signals are making the TLE8250GVIO the ideal choice for large CAN networks
with high data rates.
Type
Package
Marking
TLE8250GVIO
PG-DSO-8
8250GVIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com