Electronic Components Datasheet Search
  English  ▼

X  

EL7156CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7156CSZ
Description  High Performance Pin Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7156CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7156CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EL7156
FN7280 Rev 4.00
Page 3 of 11
September 1, 2015
Electrical Specifications
VS+ = +5V, VH = +5V, VL = -5V, VS- = -5V, TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic ‘1’ Input Voltage
2.0
V
IIH
Logic ‘1’ Input Current
VIH = VS+0.1
10
µA
VIL
Logic ‘0’ Input Voltage
0.8
V
IIL
Logic ‘0’ Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
OUTPUT
ROVH
ON-Resistance VH to OUT
IOUT = -200mA
3.4
5
ROVL
ON-Resistance VL to OUT
IOUT = +200mA
4
6
IOUT
Output Leakage Current
OE = 0V, OUT = VH/VL
0.1
10
µA
IPK
Peak Output Current
(linear resistive operation)
Source
3.5
A
Sink
3.5
A
IDC
Continuous Output Current
Source/Sink
200
mA
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+1
2.5
mA
VH
Off Leakage at VH and VL
VH, VL = 0V
4
10
µA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 2000pF
17
ns
tF
Fall Time
CL = 2000pF
17
ns
tRF
tR, tF Mismatch
CL = 2000pF
0
ns
td-1
Turn-Off Delay Time
CL = 2000pF
11.5
ns
td-2
Turn-On Delay Time
CL = 2000pF
12
ns
td
td-1-td-2 Mismatch
CL = 2000pF
0.5
ns
td-3
Three-state Delay Enable
10
ns
td-4
Three-state Delay Disable
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com