Electronic Components Datasheet Search
  English  ▼

X  

EL7156CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7156CSZ
Description  High Performance Pin Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7156CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7156CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN7280 Rev 4.00
Page 1 of 11
September 1, 2015
FN7280
Rev 4.00
September 1, 2015
EL7156
High Performance Pin Driver
DATASHEET
The EL7156 high performance pin driver with three-state is
suited to many ATE and level-shifting applications. The 3.5A
peak drive capability makes this part an excellent choice
when driving high capacitance loads.
The output pin OUT is connected to input pins VH or VL
respectively, depending on the status of the IN pin. When the
OE pin is active low, the output is placed in the three-state
mode. The isolation of the output FETs from the power
supplies enables VH and VL to be set independently,
enabling level-shifting to be implemented. Related to the
EL7155, the EL7156 adds a lower supply pin VS- and makes
VL an isolated and independent input. This feature adds
applications flexibility and improves switching response due
to the increased enhancement of the output FETs.
This pin driver has improved performance over existing pin
drivers. It is specifically designed to operate at voltages
down to 0V across the switch elements while maintaining
good speed and ON-resistance characteristics.
Available in the 8 Ld SOIC and 8 Ld PDIP packages, the
EL7156 is specified for operation over the full -40°C to
+85°C temperature range.
Features
• Clocking speeds up to 40MHz
• 15ns tR/tFat 2000pF CLOAD
• 0.5ns rise and fall times mismatch
• 0.5ns tON-tOFF prop delay mismatch
• 3.5pF typical input capacitance
• 3.5A peak drive
• Low ON-resistance of 3.5
• High capacitive drive capability
• Operates from 4.5V to 16.5V
• Pb-free plus anneal available (RoHS compliant)
Applications
• ATE/burn-in testers
• Level shifting
•IGBT drivers
• CCD drivers
Pinout
EL7156
(8 LD PDIP, SOIC)
TOP VIEW
1
2
3
4
8
7
6
5
L
O
G
I
C
VS+
OE
IN
GND
VH
OUT
VL
VS-
Ordering Information
PART NUMBER
PART MARKING TAPE & REEL
PKG
PKG. DWG. #
EL7156CNZ (Note)
(No longer available, recommended replacement: EL7156CSZ)
EL7156CN Z
-
8 Ld PDIP* (Pb-free) MDP0031
EL7156CSZ (Note)
7156CSZ
-
8 Ld SOIC (Pb-free)
MDP0027
EL7156CSZ-T7 (Note)
7156CSZ
7”
8 Ld SOIC (Pb-free)
MDP0027
EL7156CSZ-T13 (Note)
7156CSZ
13”
8 Ld SOIC (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.


Similar Part No. - EL7156CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156CSZ INTERSIL-EL7156CSZ Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
EL7156CSZ INTERSIL-EL7156CSZ Datasheet
232Kb / 10P
High Performance Pin Driver
EL7156CSZ INTERSIL-EL7156CSZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CSZ INTERSIL-EL7156CSZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CSZ-T13 INTERSIL-EL7156CSZ-T13 Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
More results

Similar Description - EL7156CSZ

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
High-Performance PIN
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
High-Performance PIN
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
High Performance PIN
logo
Intersil Corporation
EL7155 INTERSIL-EL7155_06 Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
EL7156 INTERSIL-EL7156_05 Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
High Performance Pin Driver
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
High Performance Pin Driver
October 24, 2014
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
High Performance Pin Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com