Electronic Components Datasheet Search
  English  ▼

X  

EL7156CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL7156CSZ
Description  High Performance Pin Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7156CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7156CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7156CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EL7156
FN7280 Rev 4.00
Page 4 of 11
September 1, 2015
Typical Performance Curves
FIGURE 1. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. INPUT THRESHOLD vs SUPPLY VOLTAGE
FIGURE 3. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 4. “ON”-RESISTANCE vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 6. RISE/FALL TIME vs TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
25
100
75
050
0.2
1.0
0.6
0.4
0.8
125
150
0
PDIP8
SOIC8
MAX TJ = +125°C
JA = 100°C/W
JA = 160°C/W
85
T = +25°C
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
15
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
T = +25°C
15
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = GND
ALL INPUTS = VS+
IOUT = 200mA, T = +25°C, VS+ = VH, VS- = VL = 0V
SUPPLY VOLTAGE (V)
7.5
15
12.5
510
1
0
6
5
2
4
3
VOUT - VL
VOUT - VH
CL = 2000pF, T = +25°C
15
20
SUPPLY VOLTAGE (V)
10
30
510
25
15
tR
tI
tR
tF
CL = 2000pF, VS+ = 15V
150
14
TEMPERATURE (°C)
10
100
20
-50
50
16
18
12
0
tF
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com