Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3202IRSVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3202IRSVT
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3202IRSVT Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS3202IRSVT Datasheet HTML 1Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 2Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 3Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 4Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 5Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 6Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 7Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 8Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
HD3SS3202
www.ti.com
SLASEO1 – MAY 2018
Product Folder Links: HD3SS3202
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
There is a 20-kΩ pull-down in non-selected port.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Device active current
VCC = 3.3 V, OEn = 0
0.5
0.6
mA
ISTDN
Device shutdown current
VCC = 3.3 V, OEn = VCC
0.005
1
µA
CON
Output ON capacitance to GND
0.6
pF
COFF
Output OFF capacitance to GND
0.8
pF
RON
Output ON resistance
VCC = 3.3 V; VCM = 0 to 2 V;
IO = –8 mA
5
8
Ω
ΔRON
On-resistance match between pairs of the
same channel
VCC = 3.3 V; –0.35 V ≤ VIN ≤ 2.35 V;
IO = –8 mA
0.7
Ω
RFLAT_ON
On-resistance flatness RON(MAX) –
RON(MIN)
VCC = 3.3 V; –0.35 V ≤ VIN ≤ 2.35 V
1
Ω
IIH,CTRL
Input high current, control pins (SEL, OEn)
1
µA
IIL,CTRL
Input low current, control pins (SEL, OEn)
1
µA
IIH,HS
Input high current, high-speed pins
[Ax/Bx/Cx][p/n]
VIN = 2 V for selected port, A and B
with SEL = 0, and A and C with
SEL = VCC
1
µA
IIH,HS
Input high current, high-speed pins
[Ax/Bx/Cx][p/n]
VIN = 2 V for non-selected port, C
with SEL = 0, and B with
SEL = VCC
(1)
100
140
µA
IIL,HS
Input low current, high-speed pins
[Ax/Bx/Cx][p/n]
1
µA
6.6 High-Speed Performance Parameters
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IL
Differential insertion loss
ƒ = 0.3 MHz
-0.4
dB
ƒ = 0.625 MHz
-0.4
ƒ = 2.5 GHz
-1.3
ƒ = 4 GHz
-2.0
ƒ = 5 GHz
-2.4
BW
–3-dB bandwidth
8
GHz
RL
Differential return loss
ƒ = 0.3 MHz
-27
dB
ƒ = 2.5 GHz
-11
ƒ = 4 GHz
-9
ƒ = 5 GHz
-8
OIRR
Differential OFF isolation
ƒ = 0.3 MHz
-77
dB
ƒ = 2.5 GHz
-23
ƒ = 4 GHz
-21
ƒ = 5 GHz
-20
XTALK
Differential crosstalk
ƒ = 0.3 MHz
-82
dB
ƒ = 2.5 GHz
-44
ƒ = 4 GHz
-41
ƒ = 5 GHz
-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com