Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3202IRSVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3202IRSVT
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3202IRSVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS3202IRSVT Datasheet HTML 8Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 9Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 10Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 11Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 12Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 13Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 14Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 15Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
System/Host
controller
RX
TX
VBIAS
VBIAS
Device/
Endpoint
RX
TX
Device/
Endpoint
RX
Port B
Port B
Port C
Port C
TX
System/Host
controller
RX
Device/
Endpoint
RX
Device/
Endpoint
RX
Port B
Port B
Port C
Port C
TX
TX
TX
12
HD3SS3202
SLASEO1 – MAY 2018
www.ti.com
Product Folder Links: HD3SS3202
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
In Figure 6, the coupling capacitors are placed on the host transmit pair and endpoint transmit pair. In this
situation, the switch on top is biased by the endpoint and the lower switch is biased by the host controller.
Figure 6. AC Coupling Capacitors on Host TX and Endpoint TX
If the common mode voltage in the system is higher than 2 V, the coupling capacitors are placed on both sides of
the switch (shown in Figure 7). A biasing voltage of < 2 V is required in this case.
VBIAS can be GND
Capacitor and resistor values depend upon application.
Figure 7. AC Coupling Capacitors on Both Sides of Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com