Electronic Components Datasheet Search
  English  ▼

X  

MP2639A Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2639A
Description  2-Cell Li-Ion or Li-Polymer Switching Charger Compatible with 5V Input and Integrated, Bidirectional Charge/Discharge
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2639A Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2639A Datasheet HTML 17Page - Monolithic Power Systems MP2639A Datasheet HTML 18Page - Monolithic Power Systems MP2639A Datasheet HTML 19Page - Monolithic Power Systems MP2639A Datasheet HTML 20Page - Monolithic Power Systems MP2639A Datasheet HTML 21Page - Monolithic Power Systems MP2639A Datasheet HTML 22Page - Monolithic Power Systems MP2639A Datasheet HTML 23Page - Monolithic Power Systems MP2639A Datasheet HTML 24Page - Monolithic Power Systems MP2639A Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
MP2639A
– SWITCH-MODE BATTERY CHARGER W/ BIDIRECTIONAL OPERATION
MP2639A Rev. 1.0
www.MonolithicPower.com
21
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 2: Operation Mode
VBATT Rising, Quit Linear
Down Mode
(enter switch down mode)
VH > VL - 114mV
VBATT Falling, Enter Linear
Down Mode
(quit switch down mode)
VH < VL - 342mV
VBATT Rising, Quit Switch
Down Mode
(enter normal switch mode)
VH > VL + 400mV
VBATT Falling, Enter Switch
Down Mode
(quit normal switch mode)
VH < VL + 114mV
Battery Charge Profile
The MP2639A provides three main charging
phases: trickle-current, constant-current charge,
and constant-voltage charge (see Figure 5).
Trickle charge
Charge Current
Battery Voltage
Constant Voltage Charge
CC Fast Charge
Charge Full
VBATT_FULL
VBATT_LOW
IBF
ITC
ICC
Figure 5: Battery Charge Profile
1. Phase 1 (trickle-current charge): When the
battery voltage is lower than VBATT_LOW, the
MP2639A applies a safe trickle-charge
current (ITC) to the deeply depleted battery
until the battery voltage reaches trickle
charge
to
the
fast
charge
threshold
(VBATT_LOW). If VBATT_LOW is not reached
before the trickle-charge timer expires, the
charge
cycle
is
ceased,
and
a
corresponding
timeout
fault
signal
is
asserted. See the Safety Timer section on
page 21 for more detail.
2. Phase 2 (constant-current charge): When
the battery voltage exceeds VBATT_LOW, the
MP2639A stops the trickle-current charge
phase and enters constant-current charge
(fast charge) phase with a soft start. The
fast charge current can be programmed via
ISET.
3. Phase 3 (constant-voltage charge): When
the battery voltage rises to the charge-full
voltage (VBATT_FULL), the charge current
begins to taper off. The charge cycle is
considered complete when the CV loop is
dominated, and the charge current reaches
the battery-full termination threshold. A
500μs force charge time is designed for
each charge cycle. After the 500μs force
charge time expires, the charge full signal is
allowed to assert.
If IBF is not reached before the safety charge
timer expires, the charge cycle is ceased,
and the corresponding timeout fault signal is
asserted. See the Safety Timer section for
more detail.
A new charge cycle starts when the following
conditions are valid:
The input power is re-plugged.
MODE is toggled from high to low.
No thermistor fault at NTC.
No safety timer fault.
No battery over-voltage.
Automatic Recharge
When the battery is fully charged and the
charging is terminated, the battery may be
discharged for system consumption or self-
discharge. The MP2639A starts a new charging
cycle automatically without requiring a manual
restart of a charging cycle.
Charge Current Setting
ISET is used to program the charge current.
The setting formula is shown in Equation (2):
CHG
ISET
640(k )
I
(A)
3R
(2)
Battery Over-Voltage Protection (OVP)
The MP2639A is designed with a built-in battery
over-voltage limit of 103.3% of VBATT_FULL. When
a
battery
over-voltage
event
occurs,
the
MP2639A suspends the charging immediately.
Non-Sync Mode
When the input current at the VL side is lower
than 330mA, the MP2639A turns off Q1 and
switches to non-sync operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com