Electronic Components Datasheet Search
  English  ▼

X  

MP2639A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2639A
Description  2-Cell Li-Ion or Li-Polymer Switching Charger Compatible with 5V Input and Integrated, Bidirectional Charge/Discharge
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2639A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2639A Datasheet HTML 4Page - Monolithic Power Systems MP2639A Datasheet HTML 5Page - Monolithic Power Systems MP2639A Datasheet HTML 6Page - Monolithic Power Systems MP2639A Datasheet HTML 7Page - Monolithic Power Systems MP2639A Datasheet HTML 8Page - Monolithic Power Systems MP2639A Datasheet HTML 9Page - Monolithic Power Systems MP2639A Datasheet HTML 10Page - Monolithic Power Systems MP2639A Datasheet HTML 11Page - Monolithic Power Systems MP2639A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
MP2639A
– SWITCH-MODE BATTERY CHARGER W/ BIDIRECTIONAL OPERATION
MP2639A Rev. 1.0
www.MonolithicPower.com
8
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = VL = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Discharge Mode
Fourth level of battery voltage
threshold
Battery voltage falling
8
V
Hysteresis
400
mV
Third level of battery voltage
threshold
Battery voltage falling
7.6
V
Hysteresis
400
mV
Second level of battery
voltage
Battery voltage falling
7.2
V
Hysteresis
400
mV
First level of battery voltage
Battery voltage falling
6
V
Hysteresis
400
mV
Cell Balancing
Discharge MOSFET on
resistance
HS
6
Ω
LS
6
Cell balance start voltage
VCBST
3.4
3.5
3.6
V
Balance threshold
ΔVCELL
65
mV
Balance threshold hysteresis
(5)
30
mV
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com