Electronic Components Datasheet Search
  English  ▼

X  

MP2639A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2639A
Description  2-Cell Li-Ion or Li-Polymer Switching Charger Compatible with 5V Input and Integrated, Bidirectional Charge/Discharge
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2639A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2639A Datasheet HTML 8Page - Monolithic Power Systems MP2639A Datasheet HTML 9Page - Monolithic Power Systems MP2639A Datasheet HTML 10Page - Monolithic Power Systems MP2639A Datasheet HTML 11Page - Monolithic Power Systems MP2639A Datasheet HTML 12Page - Monolithic Power Systems MP2639A Datasheet HTML 13Page - Monolithic Power Systems MP2639A Datasheet HTML 14Page - Monolithic Power Systems MP2639A Datasheet HTML 15Page - Monolithic Power Systems MP2639A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
MP2639A
– SWITCH-MODE BATTERY CHARGER W/ BIDIRECTIONAL OPERATION
MP2639A Rev. 1.0
www.MonolithicPower.com
12
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = VL = 5V, VBATT = VH = 7.4V, CVL = CVH = 22µF, L1 = 2.2µH, CTMR = 0.1µF, R1 = 76.8kΩ, R2 =
24.3kΩ, R3 = 27.4kΩ, R4 = 10kΩ, battery simulator, unless otherwise noted.
NTC Protection,
TC Mode
VBATT = 5.6V, RILIM = 73.2kΩ,
RISET = 86.6kΩ
NTC Protection,
CC Mode
VBATT = 7.4V, RILIM = 73.2kΩ,
RISET = 86.6kΩ
NTC Protection,
CC Mode
VBATT = 8.15V, RILIM = 73.2kΩ,
RISET = 86.6kΩ
CH2: VBATT
2V/div.
CH1: VNTC
1V/div.
CH4: IBATT
200mA/div.
CH3: VSW
5V/div.
CH2: VBATT
2V/div.
CH1: VNTC
1V/div.
CH4: IBATT
1A/div.
CH3: VSW
5V/div.
CH2: VBATT
2V/div.
CH1: VNTC
1V/div.
CH4: IBATT
1A/div.
CH3: VSW
5V/div.
10ms/div.
10ms/div.
10ms/div.
Timer Out Protection
VBATT = 7.4V, RILIM = 73.2kΩ,
RISET = 86.6kΩ, CTMR = 220pF
Recovery from
Timer Out
VBATT = 7.4V, RILIM = 73.2kΩ,
RISET = 86.6kΩ, CTMR = 220pF
Timer Period
VBATT = 7.4V, RILIM = 73.2kΩ,
RISET = 86.6kΩ, CTMR = 220pF
CH1: VTMR
1V/div.
CH2: VBATT
2V/div.
CH3:
CHGOK
2V/div.
CH4: IBATT
1A/div.
CH1: VTMR
1V/div.
CH2: VBATT
2V/div.
CH3:
CHGOK
2V/div.
CH4: IBATT
1A/div.
CH1: VTMR
1V/div.
CH2: VBATT
2V/div.
CH3:
CHGOK
2V/div.
CH4: IBATT
1A/div.
100µs/div.
1ms/div.
4s/div.
Indication
@ BATT OVP
VBATT = 9.0V, RILIM = 73.2kΩ,
RISET = 86.6kΩ
Indication
@ Charge Mode Off
VBATT = 7.4V, RILIM = 73.2kΩ,
RISET = 86.6kΩ
Indication
@ NTC Fault
VBATT = 3.7V, RILIM = 14.7kΩ,
RISET = 49.9kΩ
CH1: VBATT
2V/div.
CH2: ACOK
2V/div.
CH3:
CHGOK
2V/div.
CH4: IBATT
1A/div.
CH1: VMODE
2V/div.
CH2: ACOK
2V/div.
CH3:
CHGOK
2V/div.
CH4: IL
2A/div.
CH1: VNTC
2V/div.
CH2: ACOK
2V/div.
CH3:
CHGOK
2V/div.
CH4: IL
2A/div.
1ms/div.
1ms/div.
400ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com